Electronic Components Datasheet Search
  English  ▼

X  

LM9617 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM9617 Datasheet HTML 4Page - National Semiconductor (TI) LM9617 Datasheet HTML 5Page - National Semiconductor (TI) LM9617 Datasheet HTML 6Page - National Semiconductor (TI) LM9617 Datasheet HTML 7Page - National Semiconductor (TI) LM9617 Datasheet HTML 8Page - National Semiconductor (TI) LM9617 Datasheet HTML 9Page - National Semiconductor (TI) LM9617 Datasheet HTML 10Page - National Semiconductor (TI) LM9617 Datasheet HTML 11Page - National Semiconductor (TI) LM9617 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Confidential
8
www.national.com
CMOS Active Pixel Array Specifications
Image Sensor Specifications
The following specifications apply for All VDD pins = +3.3V, T
A = 25
oC, Illumination Color Temperature = 2850oK, IR cutoff filter at
700nm, mclk = 48MHz, frame rate = 30Hz, vref_adc = 0.6 volt, video gain 0dB.
Note 1:
Typical figures are at TJ = 25
oC, and represent most likely parametric norms.
Parameter
Value
Units
Number of pixels (column, row)
Total
Active
664 x 504
648 x 488
pixels
pixels
Array size (x,y Dimensions)
Total
Active
4.98 x 3.78
4.86 x 3.66
mm
mm
Pixel Pitch
7.5
µ
Fill Factor (without micro-lens)
47
%
Parameter
Conditions
Min
Typical
note 1
Max
Units
Optical Sensitivity @ A/D output
28.7
kLSBs/(lux.s)
Optical Sensitivity @ A/D input
4.13
volt/(lux.s)
Dynamic Range
57
dB
Read Noise
5.3
LSBs
Offset Fixed Pattern Noise
RMS value of pixel FPN in dark
as a percentage of full scale.
0.35
%
Sensitivity Fixed Pattern Noise
RMS variation of pixel sensitivi-
ties as a percentage of the aver-
age sensitivity.
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com