Electronic Components Datasheet Search
  English  ▼

X  

LM9832 Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832 Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button LM9832 Datasheet HTML 25Page - National Semiconductor (TI) LM9832 Datasheet HTML 26Page - National Semiconductor (TI) LM9832 Datasheet HTML 27Page - National Semiconductor (TI) LM9832 Datasheet HTML 28Page - National Semiconductor (TI) LM9832 Datasheet HTML 29Page - National Semiconductor (TI) LM9832 Datasheet HTML 30Page - National Semiconductor (TI) LM9832 Datasheet HTML 31Page - National Semiconductor (TI) LM9832 Datasheet HTML 32Page - National Semiconductor (TI) LM9832 Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
29
www.national.com
• 1 Channel Color: This mode uses a sensor tied to the Blue OS
input only. Illumination is switched in RGBRGB pattern at the
line rate. Each color has own digital offset and gain coefficients
as well as static Gain and Offset data. Note that there is a one
line delay between when a line is exposed to a color and when
pixels of that color are clocked out of the sensor. For example,
the Green LEDs should be on while you are clocking out Red
pixels. This mode uses Illumination Mode 2.
5.4 External DRAM Interface
The LM9832 supports two external DRAM sizes: 256k x 16 and
1M x 16. The DRAM is used for line buffering, gain (shading)
coefficient data, offset coefficient data, and gamma correction.
48kwords (16k pixels * 3 colors) are used for gain coefficients,
and another 48kwords (16k pixels * 3 colors) for the offset coeffi-
cients. Gamma correction consumes 12kwords (4k x 3 colors).
The remaining RAM (148kwords = 296kB for 256k DRAM, or
916kwords = 1,832kB for 1M DRAM) is used for the circular
image data buffer. The 1M size does not necessarily provide a
performance advantage (except perhaps when the USB bus is
heavily loaded and I/O is very slow) - the option is there to pro-
vide an alternative to the 256k in case of a supply shortage of
256k DRAMs.
Because the LM9832 does not use any EDO or Fast Page Mode
features, it can work with either EDO or Fast Page Mode DRAM.
The LM9832 should work with most 50-60ns 256k x 16 or 1Mx16
DRAM. Examples:
Samsung: KM416C1000C/C-L-5, KM416C1200C/C-L-5,
KM416C1004C/C-L-5, KM416C1204C/C-L-5 (5V)
KM416V1000C/C-L-5, KM416V1200C/C-L-5, KM416V1004C/C-
L-5, KM416V1204C/C-L-5 (3V)
Alliance: AS4C1M16E5-50 (5V), AS4LC1M16E5-50 (3V)
Micron: MT4LC1M16E5DJ-5, MT4LC1M16E5TG-5 (3V)
There are 2 scan modes: 8 bit and 16 bit. The 8 bit mode is used
for normal scanning to application software to generate 8 bit gray
or 24 bit color images. The 16 bit mode is used for calibration.
The ADC always converts at 1/8 of the MCLK frequency (fADC =
fMCLK/8). The datarate to the DRAM is the ADC rate divided by
the HDPI divider setting (fDRAM = fADC/HDPI_DIVIDER. The off-
set correction data and the gain correction coefficient data are
provided at the DRAM datarate.
The DRAM timing is shown in Figure 34. All the read and write
operations shown in Figure 34 must be done for every pixel writ-
ten to DRAM. That limits the pixel datarate to the DRAM to
1/875ns = 1.14MHz. The following equation must be adhered to
in order to limit the DRAM datarate to 1MHz or slower:
(MCLK div)(HDPI divider)(Int Time Adj) >= 6
Int Time Adj refers to the value in register 19, and will be dis-
cussed in a later section. If register 19 = 0, then the value of Int
Time Adj = 1 (for the purpose of this equation).
5.5 PAPER SENSE and MISC I/O
These 8 pins are used for home and paper sensing, LED dis-
plays, user start buttons, etc.
Two pins are dedicated inputs: PAPER SENSE 1 and PAPER
SENSE 2. The other six pins, MISC I/O 1-6, can be configured as
inputs or outputs.
Figure 32: 1 Channel Grayscale
TR
G LED
B LED
R LED
SC
COEF.
DATA
SC
SC
SC
SC = selected channel (=green in this example)
Figure 33: 1 Channel Color
TR
G LED
B LED
R LED
B
COEF.
DATA
R
G
B
Figure 34: DRAM Timing per Pixel
12
3
5
6
4
RO: Offset Coefficient read
RS: Shading (Gain) Coefficient read
RG: Gamma Table read
WP8: 8 bit pixel write (write 2 pixels as 16 bits
every other cycle)
WP16: 16 bit pixel write
RP: read pixel
RF: refresh
RO
RS
RG
WP8
RP
RF
48MHz
7
RO
RS
RP
WP16
RP
RF
875ns
8 bit
16 bit
Figure 35: Memory Map of External DRAM
Red Gamma
Green Gamma
Blue Gamma
Red Shading
Green Shading
Blue Shading
Red Offset
Green Offset
Blue Offset
Pixel Data
(256k and 1M)
Pixel Data (1M)
16kwords
Red Shading
Green Shading
Blue Shading
Red Offset
Green Offset
Blue Offset
16kwords
Pixel Data
(256k and 1M)
Pixel Data (1M)
160
kwords
768
kwords
8 bit Datamode
16 bit Datamode
16kwords
16kwords
16kwords
16kwords
16kwords
16kwords
768
kwords
16kwords
16kwords
16kwords
16kwords
148
kwords
4kwords
4kwords
4kwords
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com