Electronic Components Datasheet Search
  English  ▼

X  

LM9832 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM9832 Datasheet HTML 16Page - National Semiconductor (TI) LM9832 Datasheet HTML 17Page - National Semiconductor (TI) LM9832 Datasheet HTML 18Page - National Semiconductor (TI) LM9832 Datasheet HTML 19Page - National Semiconductor (TI) LM9832 Datasheet HTML 20Page - National Semiconductor (TI) LM9832 Datasheet HTML 21Page - National Semiconductor (TI) LM9832 Datasheet HTML 22Page - National Semiconductor (TI) LM9832 Datasheet HTML 23Page - National Semiconductor (TI) LM9832 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
20
www.national.com
5B
(NEW)
MISC I/O 5: Input or Output
0 The MISC I/O 5 pin is configured as an input.
1 The MISC I/O 5 pin is configured as an output.
MISC I/O 5: Polarity
(if configured as an input)
0
A low input on MISC I/O 5 is True
1
A high input on MISC I/O 5 is True
MISC I/O 5: Level/Edge sensitive
(if configured as an input)
0
Level sensitive: MISC I/O 5 State bit (in Status
Register) is set to a 1 if MISC I/O 5 is currently True.
1
Edge sensitive: MISC I/O 5 State bit (in Status
Register) is set to a 1 if MISC I/O 5 has been True
since the last time the Status Register was read.
MISC I/O 5: Output State
(if configured as an output)
Power On/USB Suspend Default: Output,
Logic High
0
The output of the MISC I/O 5 pin will be a logic low
(0V).
1
The output of the MISC I/O 5 pin will be a logic high
(5V).
MISC I/O 6: Input or Output
0
The MISC I/O 6 pin is configured as an input.
1
The MISC I/O 6 pin is configured as an output.
MISC I/O 6: Polarity
(if configured as an input)
0
A low input on MISC I/O 6 is True
1
A high input on MISC I/O 6 is True
MISC I/O 6: Level/Edge sensitive
(if configured as an input)
0
Level sensitive: MISC I/O 6 State bit (in Status
Register) is set to a 1 if MISC I/O 6 is currently True.
1
Edge sensitive: MISC I/O 6 State bit (in Status
Register) is set to a 1 if MISC I/O 6 has been True
since the last time the Status Register was read.
MISC I/O 6: Output State
(if configured as an output)
Power On/USB Suspend Default: Output,
Logic Low
0
The output of the MISC I/O 6 pin will be a logic low
(0V).
1
The output of the MISC I/O 6 pin will be a logic high
(5V).
TEST MODE SETTINGS
5C
ADC Output Code - MSB
n n n n n n n n Used to force the input to the HDPI Divider to a known
value for digital tests
5D
ADC Output Code - LSB
nn nn nnn n
5E
ADC Test Mode
0 0 Normal Operation
0 1 Bypass AFE, Normal ADC Operation
10
Bypass AFE, bypass ADC digital correction,
output uncorrected ADC MSB
11
Bypass AFE, bypass ADC digital correction,
output uncorrected ADC LSB
Pixel Processing Input Select
0 0
Normal Operation - ADC Output
0 1
Registers 5C and 5D
1 0
16 bit counter, reset at the start of every scan
1 1
16 bit counter, reset at the start of every line
16 bit Counter Increment Select
(16 bit counter starts at 0, increments every
datapixel)
0 0
Increments by 1
0 1
Increments by 4
1 0
Increments by 16
11
N/A
MCLK edge for AFE (Set this bit to 0)
0
Rising
1
Falling
CDS Signal
0
Normal Operation
1
CDS signal is output on LAMPB pin
5F-68
Reserved
0 0 0 0 0 0 0 0 Write 00 to these registers
69
Version Number
1 0 0 100 = LM9832 (011 = LM9831, 010 = LM9830)
6A-7F
Reserved
0 0 0 0 0 0 0 0 Write 00 to these registers
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
LM9832 Register Listing (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com