Electronic Components Datasheet Search
  English  ▼

X  

LM9832 Datasheet(PDF) 34 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832 Datasheet(HTML) 34 Page - National Semiconductor (TI)

Back Button LM9832 Datasheet HTML 30Page - National Semiconductor (TI) LM9832 Datasheet HTML 31Page - National Semiconductor (TI) LM9832 Datasheet HTML 32Page - National Semiconductor (TI) LM9832 Datasheet HTML 33Page - National Semiconductor (TI) LM9832 Datasheet HTML 34Page - National Semiconductor (TI) LM9832 Datasheet HTML 35Page - National Semiconductor (TI) LM9832 Datasheet HTML 36Page - National Semiconductor (TI) LM9832 Datasheet HTML 37Page - National Semiconductor (TI) LM9832 Datasheet HTML 38Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
34
www.national.com
10.2 Soft Reset
A Soft Reset is generated by setting bit 5 of register 07. A Soft
Reset:
• Stops most of the internal clocks inside the system to save
power.
• Does NOT stop 48MHz oscillator.
• Resets internal state machines for correct operation after
register changes.
• Stops DRAM refresh. This will corrupt all the gamma, offset,
gain values, as well as any image data, stored in the external
DRAM.
• Does NOT prevent configuration register read/writes.
10.3 Standby
The LM9832 enters the Standby mode by setting bit 4 of register
07. Standby Mode:
• Powers down the analog section to conserve power.
• Tristates the stepper motor outputs (regardless of the state of
register 45, bit4).
• Does NOT prevent configuration register read/writes.
10.4 Suspend Mode: Entering
Suspend Mode is entered when the USB bus has had no activity
for 3ms. The Suspend state forces the LM9832 into a low current
idle state. Suspend Mode:
• Stops the oscillator.
• Forces all black-box highlighted configuration registers to their
default settings (including the Reset and Standby bits). See
the
Reset
and
Standby
mode
descriptions
for
more
information.
• MISC I/O 1-3 will be configured as inputs and can be used as
remote wakeup signals.
10.5 Suspend Mode: Exiting
When the LM9832 exits Suspend Mode:
• The oscillator is restarted.
• The Reset and Standby bits are still set. The driver software is
responsible for clearing them and setting the configuration
registers again to resume operation. All configuration registers
and DRAM data should be re-written after a Suspend
sequence.
11.0 USEFUL EQUATIONS
The integration time (tINT) for 1 line is always:
where pixel_period is the time it takes to clock one pixel out of the
sensor (C = 3 for Pixel Rate Color, and 1 for all other modes):
and line_length is the length of an entire line, measured in units of
pixels. Note that this includes the transfer portion of the line:
These equations apply for any ITA (Integration Time Adjust, Reg-
ister 19) setting.
To maximize scanner throughput, it is desirable to generate data
at the same rate as the digital I/O to the host PC. Under some
conditions (slow digital I/O, or very high resolution scans), the
time to generate one line may be greater than the maximum inte-
gration time. In this case, the integration time may be set to an
acceptable value using the previous equations, and the time to
process a line extended using Register 19 (the ITA function).
Using the ITA function, the time to process 1 line can be extended
to match the digital I/O rate required:
The maximum DRAM write pixel rate allowed is 1MHz. If you con-
figure the LM9832 to generate data any faster then 1Mpixel/s, the
LM9832 will not function correctly. To ensure that the LM9832 is
programmed to a legal datarate, ensure that this constraint is
met:
When using the ITA function (ITA > 0), use this version of the
equation:
Use this equation to calculate the stepsize for a scan:
where vertical_resolution = the desired vertical resolution of the
scan, and FSPI = the number of full steps required to move the
sensor one inch.
When using the ITA function (ITA > 0), use this version of the
equation to compensate for the ITA function:
12.0 CHANGES FROM THE LM9831
12.1 FullStep Timeout Function
The LM9832 features a motor step counter that will automatically
stop the scan after a certain number of motor steps. To enable
this mode, set register 58, bit 5 = 0, then program the number of
fullsteps to scan.
12.2 14 Bit Output Mode
The LM9832’s 14 bit output mode is fully functional. It is capable
of scanning any image that the LM9832 can scan at 8 bits, and
does not require any polling of register 01.
12.3 Steps to Reverse Register Increased
To improve performance with some mechanical designs, the
number of bits in register 50 was increased from 6 to 8 bits. This
allows the scanner to reverse up to 255 steps when pausing due
to a buffer full condition.
t
INT
pixel_period line_length
⋅
=
pixel_period
mclk_div C 8
⋅⋅
48MHz
----------------------------------------
=
line_length
line_end
TR_time
+
=
t
LINE
1+ ITA
()t
INT
=
mclk_divider HDPI_divider
6
≥
⋅
mclk_divider HDPI_divider ITA
6
≥
⋅⋅
scan_stepsize
line_length
vertical_resolution
⋅
FSPI
4
⋅
-----------------------------------------------------------------------------------
=
scan_stepsize
line_length
vert_res
⋅
FSPI
4
⋅
--------------------------------------------------------
ITA
1
+
()
ITA
------------------------
⋅
=
Applications Information (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com