Electronic Components Datasheet Search
  English  ▼

X  

LM9832 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM9832 Datasheet HTML 14Page - National Semiconductor (TI) LM9832 Datasheet HTML 15Page - National Semiconductor (TI) LM9832 Datasheet HTML 16Page - National Semiconductor (TI) LM9832 Datasheet HTML 17Page - National Semiconductor (TI) LM9832 Datasheet HTML 18Page - National Semiconductor (TI) LM9832 Datasheet HTML 19Page - National Semiconductor (TI) LM9832 Datasheet HTML 20Page - National Semiconductor (TI) LM9832 Datasheet HTML 21Page - National Semiconductor (TI) LM9832 Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
18
www.national.com
55
Kickstart steps (fullstepping mode)
n n n Motor gets maximum current for first n (0-7) full steps
Hold Current Timeout
n n n n n
Full step time units (1-31) (do not set to 0)
56
Stepper Motor PWM Frequency
nn nn nnn n
=CRYSTAL OUT/(256*n) (0 < n < 256)
=CRYSTAL OUT/(256*256) (n = 0)
57
Stepper Motor PWM Set Duty Cycle
n n n n n n = minimum of n/64 (default = 0)
PAPER SENSE SETTINGS
58
PAPER SENSE 1: Polarity
0 A low input on PAPER SENSE 1 is True
1 A high input on PAPER SENSE 1 is True
PAPER SENSE 1: Level/Edge sensitive
0
Level sensitive: PAPER SENSE 1 State bit (in Status
Register) is set to a 1 if PAPER SENSE 1 is currently
True.
1
Edge sensitive: PAPER SENSE 1 State bit (in Status
Register) is set to a 1 if PAPER SENSE 1 has been
True since the last time the Status Register was read.
PAPER SENSE 1: Stop Scan, High Speed
Forward, and High Speed Reverse
Use this input for the home sensor in flatbed
scanners.
0
Transitions on PAPER SENSE 1 will not clear the
command register.
1
A False-to-True transition on PAPER SENSE 1 will
clear the Command Register and stop the scan.
PAPER SENSE 2: Polarity
0
A low input on PAPER SENSE 2 is True
1
A high input on PAPER SENSE 2 is True
PAPER SENSE 2: Level/Edge sensitive
0
Level sensitive: PAPER SENSE 2 State bit (in Status
Register) is set to a 1 if PAPER SENSE 2 is currently
True.
1
Edge sensitive: PAPER SENSE 2 State bit (in Status
Register) is set to a 1 if PAPER SENSE 2 has been
True since the last time the Status Register was read.
PAPER SENSE 2: Stop Scan and High
Speed Forward
0
The scan will automatically stop after scanning for the
number of fullsteps specified in the Step Counter
(registers 4C and 4D). (The fullsteps moved during
the “FastFeed At Start of scan period are not
counted.) If the value in the Step Counter is 0, the
scan can only be stopped by writing a 0 to register 07.
1
A False-to-True transition on PAPER SENSE 2 will
stop a scan or a High Speed Forward command after
the number of fullsteps specified in the Step Counter
(registers 4C and 4D). It will not stop a High Speed
Reverse, and therefore should not be used as a home
position sensor input.
Address
Function
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
Value
LM9832 Register Listing (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com