Electronic Components Datasheet Search
  English  ▼

X  

LM9832 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9832
Description  LM9832 42-Bit Color, 1200dpi USB Image Scanner
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9832 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9832 Datasheet HTML 2Page - National Semiconductor (TI) LM9832 Datasheet HTML 3Page - National Semiconductor (TI) LM9832 Datasheet HTML 4Page - National Semiconductor (TI) LM9832 Datasheet HTML 5Page - National Semiconductor (TI) LM9832 Datasheet HTML 6Page - National Semiconductor (TI) LM9832 Datasheet HTML 7Page - National Semiconductor (TI) LM9832 Datasheet HTML 8Page - National Semiconductor (TI) LM9832 Datasheet HTML 9Page - National Semiconductor (TI) LM9832 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
6
www.national.com
CCD/CIS Source Requirements for Full Specified Accuracy and Dynamic Range (Note 12)
VCCDPEAK
Sensor’s Maximum Output Signal
Amplitude before LM9832 Analog Front
End Saturation
Gain = 0.933
Gain = 3.0
Gain = 9.0
1.9
0.6
0.19
V
V
V
Analog Input Characteristics
Average OSR, OSG, OSB Input Current
CDS Enabled, OS = 3.5VDC
±3
nA
OSR, OSG, OSB Input Current
CDS Disabled, OS = 3.5VDC
±26
±30
µA (max)
Internal Voltage Reference Characteristics
VBANDGAP
Voltage Reference Output Voltage
1.23
V
VREF LO
Negative Reference Output Voltage
VREF MID-1.0
V
VREF MID
Midpoint Reference Output Voltage
VA/2.0
V
VREF HI
Positive Reference Output Voltage
VREF MID+1.0
V
VREGULA-
TOR
USB I/O Voltage Regulator
3.3
V
DC and Logic Electrical Characteristics
The following specifications apply for AGND=DGND=0V, VA=VD=VDRAM=+5.0VDC unless otherwise noted,
fCRYSTAL IN= 48MHz. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 8, 9, & 10)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)
Digital Input Characteristics for D0-D15 (DRAM Interface)
VIN(1)
Logical “1” Input Voltage
VDRAM=5.25V
VDRAM=3.6V
2.0
2.0
V (min)
V (min)
VIN(0)
Logical “0” Input Voltage
VDRAM=4.75V
VDRAM=2.85V
0.8
0.8
V (max)
V (max)
IIN
Input Leakage Current
±0.1
µA
CIN
Input Capacitance
5
pF
Digital Input Characteristics for PAPER SENSE 1-2, MISC I/O 1-6, SDA, BUS POWER, CRYSTAL/EXT CLOCK, 24/48, RESET,
CMODE
VIN(1)
Logical “1” Input Voltage
VD=5.25V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD=4.75V
0.8
V (max)
IIN
Input Leakage Current
±0.1
µA
CIN
Input Capacitance
5
pF
Digital Input Characteristics for D+, D-
VIN(1)
Logical “1” Input Voltage
VD=5.25V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
VD=4.75V
0.8
V (max)
IIN
Input Leakage Current
±0.1
µA
CIN
Input Capacitance
5
pF
Electrical Characteristics (Continued)
The following specifications apply for AGND=DGND=0V, VA=VD=VDRAM=+5.0VDC, fCRYSTAL IN= 48MHz, Analog Bias Current =
100%, unless otherwise noted. Boldface limits apply for TA=TJ=TMIN to TMAX; all other limits TA=TJ=25°C. (Notes 8, 9, & 10)
Symbol
Parameter
Conditions
Typical
(Note 9)
Limits
(Note 10)
Units
(Limits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com