Electronic Components Datasheet Search
  English  ▼

X  

AD5432 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5432
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5432 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5432 Datasheet HTML 3Page - Analog Devices AD5432 Datasheet HTML 4Page - Analog Devices AD5432 Datasheet HTML 5Page - Analog Devices AD5432 Datasheet HTML 6Page - Analog Devices AD5432 Datasheet HTML 7Page - Analog Devices AD5432 Datasheet HTML 8Page - Analog Devices AD5432 Datasheet HTML 9Page - Analog Devices AD5432 Datasheet HTML 10Page - Analog Devices AD5432 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
Typical Performance Characteristics–AD5426/AD5432/AD5443
–7–
CODE
0.20
0.10
0.15
0
–0.05
0.05
–0.10
–0.15
–0.20
050
100
150
250
200
TA = 25 C
VREF = 10V
VDD = 5V
TPC 1. INL vs. Code (8-Bit DAC)
CODE
0.20
0.15
0.10
0.05
–0.10
–0.05
0
–0.15
–0.20
0
200
TA = 25 C
VREF = 10V
VDD = 5V
50
100
150
250
TPC 4. DNL vs. Code (8-Bit DAC)
REFERENCE VOLTAGE
0.6
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
23456789
10
MAX INL
MIN INL
TA = 25 C
VREF = 10V
VDD = 5V
AD5443
TPC 7. INL vs. Reference Voltage
CODE
0.5
0.4
0.3
0.2
0.1
0
–0.5
–0.4
–0.3
–0.2
–0.1
0
200
400
800
600
1000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 2. INL vs. Code (10-Bit DAC)
CODE
0.5
0.4
0.3
0.1
0.2
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
200
400
800
600
1000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 5. DNL vs. Code (10-Bit DAC)
REFERENCE VOLTAGE
–0.40
–0.45
–0.50
–0.55
–0.60
–0.65
–0.70
23456789
10
MIN DNL
TA = 25 C
VREF = 10V
VDD = 5V
AD5443
TPC 8. DNL vs. Reference Voltage
CODE
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
500 1000 1500 2000 2500 3000 3500 4000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 3. INL vs. Code (12-Bit DAC)
CODE
1.0
0.2
0.8
0.6
0.4
–0.2
–0.4
–0.6
0
–0.8
–1.0
0
500 1000
2000 2500 3000 3500
1500
4000
TA = 25 C
VREF = 10V
VDD = 5V
TPC 6. DNL vs. Code (12-Bit DAC)
TEMPERATURE ( C)
5
4
–3
–4
0
–2
3
2
–5
–60 –40 –20
0
20
40
60
80 100 120 140
–1
1
VDD = 5V
VDD = 3V
VREF = 10V
TPC 9. Gain Error vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com