Electronic Components Datasheet Search
  English  ▼

X  

AD5432 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5432
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5432 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5432 Datasheet HTML 8Page - Analog Devices AD5432 Datasheet HTML 9Page - Analog Devices AD5432 Datasheet HTML 10Page - Analog Devices AD5432 Datasheet HTML 11Page - Analog Devices AD5432 Datasheet HTML 12Page - Analog Devices AD5432 Datasheet HTML 13Page - Analog Devices AD5432 Datasheet HTML 14Page - Analog Devices AD5432 Datasheet HTML 15Page - Analog Devices AD5432 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
REV. 0
–12–
AD5426/AD5432/AD5443
DAC SECTION
The AD5426, AD5432, and AD5443 are 8-, 10-, and 12-bit cur-
rent output DACs consisting of a standard inverting R-2R ladder
configuration. A simplified diagram for the 8-bit AD54246 is
shown in Figure 4. The feedback resistor RFB has a value of R.
The value of R is typically 10 k
Ω (minimum 8 kΩ and maximum
12 k
Ω). If IOUT1 and IOUT2 are kept at the same potential, a con-
stant current flows in each ladder leg, regardless of digital input
code. Therefore, the input resistance presented at VREF is always
constant and nominally of value R. The DAC output (IOUT) is
code-dependent, producing various resistances and capacitances.
External amplifier choice should take into account the variation
in impedance generated by the DAC on the amplifiers inverting
input node.
VREF
IOUT2
DAC DATA LATCHES
AND DRIVERS
2R
S1
2R
S2
2R
S3
2R
S8
2R
R
R
R
IOUT1
RFB A
R
Figure 4. Simplified Ladder
Access is provided to the VREF, RFB, IOUT1, and IOUT2 terminals
of the DAC, making the device extremely versatile and allowing
it to be configured in several different operating modes, for
example, to provide a unipolar output, 4-quadrant multiplica-
tion in bipolar mode, or in single-supply modes of operation.
Note that a matching switch is used in series with the internal
RFB feedback resistor. If users attempt to measure RFB, power
must be applied to VDD to achieve continuity.
SERIAL INTERFACE
The AD5426/AD5432/AD5443 have an easy to use 3-wire inter-
face that is compatible with SPI/QSPI/MICROWIRE and DSP
interface standards. Data is written to the device in 16 bit words.
This 16-bit word consists of 4 control bits and either 8, 10, or
12 data bits as shown in Figure 5. The AD5443 uses all 12 bits of
DAC data. The AD5432 uses 10 bits and ignores the 2 LSBs,
while the AD5426 uses 8 bits and ignores the last 4 bits.
Low Power Serial Interface
To minimize the power consumption of the device, the interface
powers up fully only when the device is being written to, i.e., on
the falling edge of
SYNC. The SCLK and D
IN input buffers are
powered down on the rising edge of
SYNC.
DAC Control Bits C3 to C0
Control Bits C3 to C0 allow control of various functions of the
DAC as seen in Table I. Default settings of the DAC on power
on are as follows:
Data clocked into shift register on falling clock edges; daisy-chain
mode is enabled. Device powers on with zero-scale load to the
DAC register and IOUT lines.
The DAC control bits allow the user to adjust certain features
on power-on, for example, daisy-chaining may be disabled if not
in use, active clock edge may be changed to rising edge, and DAC
output may be cleared to either zero or midscale. The user may
also initiate a readback of the DAC register contents for verifi-
cation purposes.
Table I. DAC Control Bits
C3 C2 C1 C0
Function Implemented
0000
No Operation (Power-On Default)
0001
Load and Update
0010
Initiate Readback
0011
Reserved
0100
Reserved
0101
Reserved
0110
Reserved
0111
Reserved
1000
Reserved
1001
Daisy-chain Disable
1010
Clock Data to Shift Register On Rising Edge
1011
Clear DAC Output to Zero
1100
Clear DAC Output to Midscale
1101
Reserved
1110
Reserved
1111
Reserved
DB0 (LSB)
DB15 (MSB)
DATA BITS
C3
C2
C1
C0
X
X
CONTROL BITS
DB7 DB6 DB5 DB4
DB3 DB2
DB0
DB1
XX
Figure 5a. AD5426 8-Bit Input Shift Register Contents
DB5 DB4
DB3 DB2
DB0
DB1
DB0 (LSB)
DB15 (MSB)
DATA BITS
C3
C2
C1
C0
CONTROL BITS
DB7 DB6
DB8
DB9
XX
Figure 5b. AD5432 10-Bit Input Shift Register Contents
DB7 DB6 DB5 DB4 DB3 DB2
DB0
DB0 (LSB)
DB15 (MSB)
DATA BITS
DB1
C3
C2
C1
C0
DB11 DB10
DB8
DB9
CONTROL BITS
Figure 5c. AD5443 12-Bit Input Shift Register Contents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com