Electronic Components Datasheet Search
  English  ▼

X  

AD5432 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5432
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5432 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5432 Datasheet HTML 10Page - Analog Devices AD5432 Datasheet HTML 11Page - Analog Devices AD5432 Datasheet HTML 12Page - Analog Devices AD5432 Datasheet HTML 13Page - Analog Devices AD5432 Datasheet HTML 14Page - Analog Devices AD5432 Datasheet HTML 15Page - Analog Devices AD5432 Datasheet HTML 16Page - Analog Devices AD5432 Datasheet HTML 17Page - Analog Devices AD5432 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
REV. 0
–14–
AD5426/AD5432/AD5443
Table III shows the relationship between digital code and the
expected output voltage for bipolar operation (AD5426, 8-bit
device).
Table III. Bipolar Code Table
Digital Input
Analog Output (V)
1111 1111
+VREF (127/128)
1000 0000
0
0000 0001
–VREF (127/128)
0000 0000
–VREF (128/128)
Stability
In the I-to-V configuration, the IOUT of the DAC and the invert-
ing node of the op amp must be connected as close as possible,
and proper PCB layout techniques must be employed. Since
every code change corresponds to a step function, gain peaking
may occur if the op amp has limited GBP and there is excessive
parasitic capacitance at the inverting node. This parasitic capaci-
tance introduces a pole into the open-loop response which can
cause ringing or instability in closed-loop applications.
An optional compensation capacitor, C1 can be added in parallel with
RFB for stability as shown in Figures 6 and 7. Too small a value of
C1 can produce ringing at the output, while too large a value can
adversely affect the settling time. C1 should be found empirically
but 1 pF to 2 pF is generally adequate for compensation.
SINGLE-SUPPLY APPLICATIONS
Current Mode Operation
These DACs are specified and tested to guarantee operation in
single-supply applications. Figure 8 shows a typical circuit for
operation with a single 3.0 V to 5 V supply. In the current mode
circuit of Figure 8, IOUT2 and hence IOUT1 is biased positive by
an amount applied to VBIAS.
VOUT
VDD
GND
VIN
IOUT2
IOUT1
RFB
VDD
VREF
VBIAS
C1
NOTES
1. ADDITIONAL PINS OMITTED FOR CLARITY
2. C1 PHASE COMPENSATION (1pF– 2pF) MAY BE REQUIRED
IF A1 IS A HIGH SPEED AMPLIFIER.
A2
A1
Figure 8. Single-Supply Current Mode Operation
In this configuration, the output voltage is given by
VD
R
R
V
V
V
OUT
FB
DAC
BIAS
IN
BIAS
=×
()×−
()
{}+
As D varies from 0 to 255 (AD5426), 1023 (AD5432) or 4095
(AD5443), the output voltage varies from
VV
to V
V
V
OUT
BIAS
OUT
BIAS
IN
==
−
2
VBIAS should be a low impedance source capable of sinking and
sourcing all possible variations in current at the IOUT2 terminal
without any problems.
It is important to note that VIN is limited to low voltages because
the switches in the DAC ladder no longer have the same source-
drain drive voltage. As a result, their on resistance differs, which
degrades the linearity of the DAC. See TPCs 10 to 15.
VOUT =
–VREF to +VREF
SCLK SDIN
GND
VREF
10V
SYNC
IOUT2
IOUT1
VDD
VREF
NOTES
1. R1 AND R2 ARE USED ONLY IF GAIN ADJUSTMENT IS REQUIRED.
ADJUST R1 FOR VOUT = 0 V WITH CODE 10000000 LOADED TO DAC.
2. MATCHING AND TRACKING IS ESSENTIAL FOR RESISTOR PAIRS R3 AND R4.
3. C1 PHASE COMPENSATION (1pF–2pF) MAY BE REQUIRED IF A1/A2 IS
A HIGH SPEED AMPLIFIER.
AGND
R3
10k
AD5426/
AD5432/AD5443
R5
20k
R4
10k
A2
R1
VDD
RFB
R2
C1
MICROCONTROLLER
A1
Figure 7. Bipolar Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com