Electronic Components Datasheet Search
  English  ▼

X  

AD5432 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5432
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5432 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5432 Datasheet HTML 14Page - Analog Devices AD5432 Datasheet HTML 15Page - Analog Devices AD5432 Datasheet HTML 16Page - Analog Devices AD5432 Datasheet HTML 17Page - Analog Devices AD5432 Datasheet HTML 18Page - Analog Devices AD5432 Datasheet HTML 19Page - Analog Devices AD5432 Datasheet HTML 20Page - Analog Devices AD5432 Datasheet HTML 21Page - Analog Devices AD5432 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
REV. 0
–18–
AD5426/AD5432/AD5443
MC68HC11 Interface to AD5426/AD5432/AD5443 Interface
Figure 16 shows an example of a serial interface between the
DAC and the MC68HC11 microcontroller. The serial peripheral
interface (SPI) on the MC68HC11 is configured for master
mode (MSTR = 1), clock polarity bit (CPOL) = 0, and the clock
phase bit (CPHA) = 1. The SPI is configured by writing to the
SPI control register (SPCR)—see the 68HC11 User Manual.
SCK of the 68HC11 drives the SCLK of the DAC interface, the
MOSI output drives the serial data line (DIN) of the AD5516.
The
SYNC signal is derived from a port line (PC7). When data is
being transmitted to the AD5516, the
SYNC line is taken low
(PC7). Data appearing on the MOSI output is valid on the falling
edge of SCK. Serial data from the 68HC11 is transmitted in 8-bit
bytes with only eight falling clock edges occurring in the transmit
cycle. Data is transmitted MSB first. To load data to the DAC,
PC7 is left low after the first eight bits are transferred, and a second
serial write operation is performed to the DAC. PC7 is taken high
at the end of this procedure.
If the user wants to verify the data previously written to the input
shift register, the SDO line could be connected to MISO of the
MC68HC11, and with
SYNC low, the shift register would clock
data out on the rising edges of SCLK.
SCLK
SCK
AD5426/
AD5432/
AD5443*
SYNC
PC7
SDIN
MOSI
MC68HC11*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 16. 68HC11/68L11 to AD5426/AD5432/AD5443
Interface
MICROWIRE to AD5426/AD5432/AD5443 Interface
Figure 17 shows an interface between the DAC and any
MICROWIRE compatible device. Serial data is shifted out on
the falling edge of the serial clock, SK, and is clocked into the
DAC input shift register on the rising edge of SK, which corre-
sponds to the falling edge of the DACs SCLK.
SCLK
SK
MICROWIRE*
SYNC
CS
SDIN
SO
AD5426/
AD5432/
AD5443*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 17. MICROWIRE to AD5426/AD5432/AD5443
Interface
PIC16C6x/7x to AD5426/AD5432/AD5443
The PIC16C6x/7x synchronous serial port (SSP) is configured
as an SPI master with the clock polarity bit (CKP) = 0. This is
done by writing to the synchronous serial port control register
(SSPCON). See the PIC16/17 Microcontroller User Manual. In
this example, I/O port RA1 is being used to provide a
SYNC signal
and to enable the serial port of the DAC. This microcontroller
transfers only eight bits of data during each serial transfer operation;
therefore, two consecutive write operations are required. Figure 18
shows the connection diagram.
SCLK
SCK/RC3
PIC16C6x/7x*
SYNC
RA1
SDIN
SDI/RC4
AD5426/
AD5432/
AD5443*
*ADDITIONAL PINS OMITTED FOR CLARITY
Figure 18. PIC16C6x/7x to AD5426/AD5432/AD5443
Interface
PCB LAYOUT AND POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board on which the
AD5426/AD5432/AD5443 is mounted should be designed so
that the analog and digital sections are separated, and confined
to certain areas of the board. If the DAC is in a system where
multiple devices require an AGND-to-DGND connection, the
connection should be made at one point only. The star ground
point should be established as close as possible to the device.
These DACs should have ample supply bypassing of 10 F in
parallel with 0.1
F on the supply located as close to the pack-
age as possible, ideally right up against the device. The 0.1 F
capacitor should have low effective series resistance (ESR) and
effective series inductance (ESI), such as the common ceramic
types that provide a low impedance path to ground at high
frequencies, to handle transient currents due to internal logic
switching. Low ESR 1
F to 10
F tantalum or electrolytic
capacitors should also be applied at the supplies to minimize
transient disturbance and filter out low frequency ripple.
Fast switching signals such as clocks should be shielded with
digital ground to avoid radiating noise to other parts of the board,
and should never be run near the reference inputs.
Avoid crossover of digital and analog signals. Traces on opposite
sides of the board should run at right angles to each other. This
reduces the effects of feedthrough through the board. A micros-
trip technique is by far the best, but not always possible with a
double-sided board. In this technique, the component side of the
board is dedicated to ground plane while signal traces are placed
on the solder side.
It is good practice to employ compact, minimum lead length
PCB layout design. Leads to the input should be as short as
possible to minimize IR drops and stray inductance.
The PCB metal traces between VREF and RFB should also be
matched to minimize gain error. To maximize on high frequency
performance, the I-to-V amplifier should be located as close to
the device as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com