Electronic Components Datasheet Search
  English  ▼

X  

AD5432 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5432
Description  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5432 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5432 Datasheet HTML 15Page - Analog Devices AD5432 Datasheet HTML 16Page - Analog Devices AD5432 Datasheet HTML 17Page - Analog Devices AD5432 Datasheet HTML 18Page - Analog Devices AD5432 Datasheet HTML 19Page - Analog Devices AD5432 Datasheet HTML 20Page - Analog Devices AD5432 Datasheet HTML 21Page - Analog Devices AD5432 Datasheet HTML 22Page - Analog Devices AD5432 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
REV. 0
AD5426/AD5432/AD5443
–19–
VDD
VSS
VOUT
P1–13
P1–5
P1–4
P1–2
P1–3
P1–19
P1–20
P1–21
P1–22
P1–23
P1–24
P1–25
P1–26
P1–27
P1–28
P1–29
P1–30
SCLK
SDIN
SYNC
LDAC
SCLK
SDIN
SYNC
SDO/
LDAC
SCLK
SDIN
SYNC
SDO/
LDAC
SDO
GND
IOUT2
VDD
RFB
VREF
VREF
VDD1
VREF
VDD
+VIN
VOUT
TRIM
GND
IOUT1
AD5426/
AD5432/
AD5443
U1
U3
C6
4.7pF
C1
0.1 F
C2
10 F
C7
10 F
C8
0.1 F
P2–3
P2–2
P2–1
P2–4
AGND
VSS
VDD1
VDD
C11
0.1 F
C12
10 F
C3
10 F
C4
0.1 F
C5
0.1 F
C13
0.1 F
C14
10 F
C15
0.1 F
C16
10 F
+
+
+
U2
ADR01AR
4
5
2
6
J2
J1
7
4
3
2
6
V–
V+
+
+
C9
10 F
C10 0.1 F
+
TP1
R1 = 0
AD8065AR
8
10
4
5
6
1
2
3
7
9
J3
J4
J5
J6
LK2
LK1
A
B
Figure 19. Schematic of AD5426/AD5432/AD5443 Evaluation Board
EVALUATION BOARD FOR THE AD5426/AD5432/AD5443
SERIES OF DACS
The board consists of a 12-bit AD5443 and a current to voltage
amplifier AD8065. Included on the evaluation board is a 10 V
reference ADR01. An external reference may also be applied via
an SMB input.
The evaluation kit consists of a CD-ROM with self-installing
PC software to control the DAC. The software simply allows
the user to write a code to the device.
OPERATING THE EVALUATION BOARD
Power Supplies
The board requires
±12 V, and +5 V supplies. The +12 V V
DD
and VSS are used to power the output amplifier, while the +5 V
is used to power the DAC (VDD1) and transceivers (VCC).
Both supplies are decoupled to their respective ground plane
with 10
F tantalum and 0.1
F ceramic capacitors.
Link1 (LK1) is provided to allow selection between the on-board
reference (ADR01) or an external reference applied through J2.
For the AD5426/AD5432/AD5443 use Link2 in the SDO position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com