Electronic Components Datasheet Search
  English  ▼

X  

LMC1992 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1992
Description  LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1992 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LMC1992 Datasheet HTML 3Page - National Semiconductor (TI) LMC1992 Datasheet HTML 4Page - National Semiconductor (TI) LMC1992 Datasheet HTML 5Page - National Semiconductor (TI) LMC1992 Datasheet HTML 6Page - National Semiconductor (TI) LMC1992 Datasheet HTML 7Page - National Semiconductor (TI) LMC1992 Datasheet HTML 8Page - National Semiconductor (TI) LMC1992 Datasheet HTML 9Page - National Semiconductor (TI) LMC1992 Datasheet HTML 10Page - National Semiconductor (TI) LMC1992 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Applications Information
MINIMUM LOAD IMPEDANCE
The LMC1992 employs emitter-follower buffers at pins 8
and 22 (SELECT OUT) 13 and 14 (LEFT FRONT and
REAR OUTPUTs) and 16 and 17 (RIGHT FRONT-and-
REAR OUTPUTs) that buffer output signals Typical bias
current of 1 mA is used for the SELECT OUTPUT buffers
and 350 mA for the LEFT-and-RIGHT FRONT-and-REAR
OUTPUT buffers
The Electrical Specifications table lists a maximum input sig-
nal of 23 Vrms (325 Vpeak) for 1% THD at the SELECT
OUT pins This distortion level is achieved when the mini-
mum ac load impedance seen by the SELECT OUT pin is
325 kX (325V1 mA) For the LEFT-and-RIGHT FRONT-
and-REAR OUTPUTs the typical maximum output is 12
Vrms (155 Vpeak) Therefore the minimum load impedance
is 443 kX (155 V035 mA) Trying to use a lower imped-
ance results in a clipped output signal Therefore
the
chance of clipping can be greatly reduced and much lower
distortion levels can be achieved by using load impedances
that are an order of magnitude higher than shown here
For applications that require dc coupling and the INPUTs
biased to Va 2 the minimum load impedance will differ
from that detailed in the above discussion The emitter fol-
lowers may be potentially operating at high currents be-
cause there is a dc voltage Va 2 b 07V at the SELECT
OUT pins dc resistance to ground will result in increased
current flow Latch-up may occur if the total emitter current
exceeds 5 mA This current is a combination of the emitter
follower’s 1 mA current source and 4 mA drawn by the ex-
ternal load Therefore to prevent this possibility the mini-
mum dc load impedance should be
Vpeak a (Va 2 b 07V)
4mA
e
1638X
Vpeak e 325V
Va e 8V
To allow for variations and part tolerances 20 kX is a good
choice for this minimum dc load impedance
When dc coupling is used at the LEFT-and-RIGHT FRONT-
and-REAR OUTPUTs the output emitter followers will be
operating at a nominal dc voltage of Va 2 b 2(07V)
Latch-up may occur if the total emitter current exceeds
1 mA This current is a combination of the emitter follower’s
035 mA current source and 065 mA drawn by the external
load Therefore to prevent this possibility the minimum dc
load impedance should be
Vpeak a (Va 2 b 2(07V))
065 mA
e
9kX
Vpeak e 325V
Va e 8V
TLH10789 – 20
FIGURE 2 Input Bias Network
To allow for variations and part tolerances 10 kX is a good
choice for this minimum dc load impedance
INPUT IMPEDANCE
For ac coupled input signals the input impedance value is
determined by bias resistor R1 as shown in
Figure 2 A
directly coupled input signal will see an emitter follower’s
nominal input impedance of 2 MX
The SELECT IN pins have an input impedance that varies
with the BASS and TREBLE control settings The input im-
pedance is 96 kX at dc and 27 kX at 1 kHz when the con-
trols are set at 0 dB Minimum input impedance of 28 kX at
dc and 24 kX at 1 kHz occurs when maximum boost is
selected At 10 kHz the minimum input impedance with the
tone controls flat is 8 kX and with the tone controls at
maximum boost is 3 kX
STEREO SIGNAL INPUTS
When operating with a single supply voltage the stereo sig-
nal inputs must be dc biased to one-half of the supply volt-
age as shown in
Figure 2 As an example with a supply
voltage of 8V all signal sources should have a dc bias of
4V The maximum input signal level of 65 Vp-p (for 1%
THD) would then swing from 075V to 725V Input-to-input
crosstalk can be minimized by using a separate dc bias cir-
cuit for each stereo input pair
EXTERNAL SIGNAL PROCESSING
The signal present at the selected input will be available at
the SELECT OUT pins 8 (left) and 22 (right) The dc bias
voltage at those pins will be one base-emitter voltage ap-
proximately 07 Vdc below the source because of the inter-
nal emitter follower Therefore if the selected input has a
bias of 40 Vdc the dc component at pins 8 and 22 will be
about 33 Vdc
The LMC1992’s SELECT OUT emitter followers allow addi-
tional signal sources using emitter follower outputs (such as
multiple LMC1992s) to be ‘‘wired-ORed’’ together When
this feature is in use the input channel of the LMC1992 not
in use should be set to ‘‘open’’ input codes 01000XX0000 or
01000XX011X
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com