Electronic Components Datasheet Search
  English  ▼

X  

LMC1992 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1992
Description  LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1992 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMC1992 Datasheet HTML 4Page - National Semiconductor (TI) LMC1992 Datasheet HTML 5Page - National Semiconductor (TI) LMC1992 Datasheet HTML 6Page - National Semiconductor (TI) LMC1992 Datasheet HTML 7Page - National Semiconductor (TI) LMC1992 Datasheet HTML 8Page - National Semiconductor (TI) LMC1992 Datasheet HTML 9Page - National Semiconductor (TI) LMC1992 Datasheet HTML 10Page - National Semiconductor (TI) LMC1992 Datasheet HTML 11Page - National Semiconductor (TI) LMC1992 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Applications Information (Continued)
TLH10789 – 19
FIGURE 3 System Block Diagram Showing Inclusion of DNR
Noise
Reduction (LM1894) and Equalizer (LMC835) (One Channel OnlyLMC1992)
The SELECT OUT pins (8 and 22) enable greater system
design flexibility by providing a means to implement an ex-
ternal processing loop This loop can be used for noise re-
duction circuits such as DNR (LM1894) or mulit-band graph-
ic equalizers (LMC835) It is important to ensure that if both
are used the noise reduction circuitry precede the equaliza-
tion circuits Failure to do so will result in improper operation
of the noise reduction circuits The system shown in
Figure
3 utilizes the external loop to include DNR and a multi-band
equalizer
AUDIO MUTE
A mute function with attenuation of 100 dB is possible with
the volume control set to b80 dB and the INPUT select
code set to 01000XX0000 (open circuit)
TONE CONTROL RESPONSE
Base and treble tone controls are included in the LMC1992
The tone controls use just two external capacitors for each
stereo channel Each has a corner frequency determined by
the value of C2 and C3
(Figure 4) and internal resistors in
the feedback loop of the internal tone amplifier The maxi-
mum amplitude boost or cut is determined by the data sent
to the LMC1992 (see Table I)
The typical tone control response shown in the Typical Per-
formance Curves were generated with C2 e C3 e
00082 mF and show the response for each step When
modifying the tone control response it is important to note
that the ratio of C3 and C2 sets the mid-frequency gain
Symmetrical tone response is achieved when C2 e C3
However with C2 e 2(C3) and the tone controls set to
‘‘flat’’ the frequency response will be flat at 20 Hz and 20
kHz and a6 dB at 1 kHz
The frequency where a tone control begins to deviate from
a flat response will be referred to as the turn-over frequen-
cy With C e C2 e C3 the LMC1992’s treble turn-over
frequency is nominally
fTT e
1
2qC(142 kX)
The base turn-over frequency is nominally
fBT e
1
2qC(277 kX)
when maximum boost is chosen The inflection points (the
frequencies where the boost or cut is within 3 dB of the final
value) are for treble and bass
fTI e
1
2qC(23 kX)
fBI e
1
2qC(1641 kX)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com