Electronic Components Datasheet Search
  English  ▼

X  

LMC1992 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1992
Description  LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1992 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMC1992 Datasheet HTML 1Page - National Semiconductor (TI) LMC1992 Datasheet HTML 2Page - National Semiconductor (TI) LMC1992 Datasheet HTML 3Page - National Semiconductor (TI) LMC1992 Datasheet HTML 4Page - National Semiconductor (TI) LMC1992 Datasheet HTML 5Page - National Semiconductor (TI) LMC1992 Datasheet HTML 6Page - National Semiconductor (TI) LMC1992 Datasheet HTML 7Page - National Semiconductor (TI) LMC1992 Datasheet HTML 8Page - National Semiconductor (TI) LMC1992 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TLH10789
December 1994
LMC1992 Digitally-Controlled Stereo Tone and Volume
Circuit with Four-Channel Input-Selector
General Description
The LMC1992 is a monolithic integrated circuit that provides
four stereo inputs bass and treble tone controls and vol-
ume balance and front-rear fader controls These functions
are digitally controlled through a three-wire communication
interface All of the LMC1992s functions are achieved with
only three external capacitors per channel It is designed for
line level input signals (300 mV b 2V) and has a maximum
gain of 0 dB
The internal design is optimized for external capacitors hav-
ing values of 01 mF or less This allows the use of chip
capacitors for coupling and tone control functions
Low noise and distortion result from using analog switches
and thin-film silicon-chromium resistor networks in the sig-
nal path
Volume and fader are at minimum and tone controls are flat
when supply voltage is first applied
Additional tone control can be achieved using the LMC835
stereo
7-band
graphic
equalizer
connected
to
the
LMC1992’s select-outselect-in external processor loop
Features
Y
Low noise and distortion
Y
Four stereo inputs
Y
40 volume levels including mute
Y
20 fader levels
Y
All attenuators havea2dBof attenuation per step
Y
Frontback fade control
Y
External processor loop
Y
Only three external components per channel
Y
Serial programmable standard MICROWIRETM
interface
Y
Single supply operation 6V to 12V supply voltage
Y
Protection address (similar to DS8906)
Y
DC-coupled inputs
Y
Single supply operation
Applications
Y
Automotive audio systems
Y
Sound reinforcement systems
Y
Home entertainmentstereo television and music re-
production systems
Y
Electronic music (MIDI)
Block and Connection Diagrams
TLH10789 – 1
Left channel shown Pin numbers in parentheses are for the right channel
TLH10789 – 2
Order Number LMC1992CCN
See NS Package Number N28B
DNR
is a registered trademark of National Semiconductor Corporation
COPSTM and MICROWIRETM are trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - LMC1992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1982CIN NSC-LMC1982CIN Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1982CIV NSC-LMC1982CIV Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
LMC1983CIN NSC-LMC1983CIN Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
More results

Similar Description - LMC1992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4832 NSC-LM4832 Datasheet
688Kb / 22P
Digitally Controlled Tone and Volume Circuit with Stereo Audio Power Amplifier, Microphone Preamp Stage and National 3D Sound
LMC1982 NSC-LMC1982 Datasheet
348Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Two Selectable Stereo Inputs
LMC1983 NSC-LMC1983 Datasheet
331Kb / 14P
Digitally-Controlled Stereo Tone and Volume Circuit with Three Selectable Stereo Inputs
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
Stereo-tone/volume control circuit
September 1987
TDA1526 PHILIPS-TDA1526 Datasheet
196Kb / 14P
Stereo-tone/volume control circuit
May 1992
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
Car Stereo Electronic Tone and Volume Control
logo
Renesas Technology Corp
R2A15908SP RENESAS-R2A15908SP Datasheet
497Kb / 14P
5 Input Selector 2ch Electronic Volume with Tone & Surround
logo
New Japan Radio
NJW1194 NJRC-NJW1194 Datasheet
77Kb / 4P
2-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR AND TONE CONTROL
NJW1199 NJRC-NJW1199 Datasheet
55Kb / 4P
8-CHANNEL ELECTRONIC VOLUME WITH INPUT SELECTOR
logo
MOSA ELECTRONICS
MS6715 MOSA-MS6715_1 Datasheet
512Kb / 16P
1 Stereo Input and 1 Stereo Output Volume, Tone, Balance, Loudness Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com