Electronic Components Datasheet Search
  English  ▼

X  

LMC1992 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1992
Description  LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1992 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMC1992 Datasheet HTML 6Page - National Semiconductor (TI) LMC1992 Datasheet HTML 7Page - National Semiconductor (TI) LMC1992 Datasheet HTML 8Page - National Semiconductor (TI) LMC1992 Datasheet HTML 9Page - National Semiconductor (TI) LMC1992 Datasheet HTML 10Page - National Semiconductor (TI) LMC1992 Datasheet HTML 11Page - National Semiconductor (TI) LMC1992 Datasheet HTML 12Page - National Semiconductor (TI) LMC1992 Datasheet HTML 13Page - National Semiconductor (TI) LMC1992 Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Applications Information (Continued)
DATA TRANSFER EXAMPLE
The following routines based on the flowchart shown in
Fig-
ure 6 are examples of COPSTM microcontroller instruction
code that can be used to control the LMC1992 (see Nation-
al Semiconductor’s COPS Microcontrollers Databook for
more information) These routines arbitrarily select COPS
register 0 for IO purposes When these routines are en-
tered it is assumed that chip select is high SK (clock) is
low and SO (data) is low These routines exit with chip se-
lect high and SK and SO low Output port G0 is arbitrarily
chosen to send the chip select signal to the LMC1992
The 11 data bits needed to control the LMC1992 are as-
sumed to be in the 4-bit registers 13 – 15 with the 4 MSBs
in register 13 With this configuration there is an extra bit for
a data stream that is 12 bits long As previously mentioned
there can be any number of extra bits between the device
address and the function address
DATA TRANSFER ROUTINE 1
This general purpose routine handles all the overhead ex-
cept loading data into registers 13 – 15 It sends the data
according to the conditions discussed above The data will
be lost at the conclusion of the routine This routine con-
sumes only 17 ROM memory locations
OUT1
LBI
013
POINT TO START OF DATA
WORD
SC
SET C TO ENABLE SK CLOCK
OGI
14
SELECT EXTERNAL DEVICE G0
4 0
LEI
8
ENABLE SHIFT REGISTER
OUTPUT
SEND
LD
XAS
DATA TRANSMISSION LOOP
XIS
TURN-ON CLOCK
JP
SEND
RC
OGI
15
DE-SELECT EXTERNAL
DEVICE
LEI
0
SET S0 TO 0
RET
DATA TRANSFER ROUTINE 2
This routine performs the same function as routine 1 while
preserving the contents of the data registers This routine
takes only 21 ROM memory locations
OUT1
LBI
013
POINT TO START OF DATA
WORD
SC
SET C TO ENABLE SK CLOCK
OGI
14
SELECT EXTERNAL DEVICE
GO
40
LEI
8
ENABLE SHIFT REGISTER
OUTPUT
JP
SEND2
SEND1
XAS
SEND2
LD
DATA TRANSMISSION LOOP
XIS
TURN-ON CLOCK
JP
SEND1
XAS
SEND LAST DATA
RC
WAIT 4 CYCLES - DATA
GOING OUT
CLRA
NOP
XAS
TURN SK CLOCK OFF
OGI
15
DE-SELECT DEVICE
LEI
0
SET S0 TO 0
RET
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com