Electronic Components Datasheet Search
  English  ▼

X  

LMC1992 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC1992
Description  LMC1992 Digitally-Controlled Stereo Tone and Volume Circuit with Four-Channel Input-Selector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC1992 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMC1992 Datasheet HTML 1Page - National Semiconductor (TI) LMC1992 Datasheet HTML 2Page - National Semiconductor (TI) LMC1992 Datasheet HTML 3Page - National Semiconductor (TI) LMC1992 Datasheet HTML 4Page - National Semiconductor (TI) LMC1992 Datasheet HTML 5Page - National Semiconductor (TI) LMC1992 Datasheet HTML 6Page - National Semiconductor (TI) LMC1992 Datasheet HTML 7Page - National Semiconductor (TI) LMC1992 Datasheet HTML 8Page - National Semiconductor (TI) LMC1992 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (Va b GND)
15V
Voltage at Any Pin
GND b 02V to Va a 02V
Input Current at Any Pin (Note 3)
5 mA
Package Input Current (Note 3)
20 mA
Power Dissipation (Note 4)
500 mW
Junction Temperature
125 C
Storage Temperature
b
65 Cto a150 C
Lead Temperature
N Package Soldering 10 sec
a
260 C
ESD Susceptibility (Note 5)
2000V
Pins 9 10 11 19 20 21
850V
Operating Ratings (Notes 1 and 2)
Temperature Range
TMIN s TA s TMAX
LMC1992CCN
0 C s TA s 70 C
Supply Voltage Range (Va b Vb)
6Vto12V
Electrical Characteristics The following specifications apply for Va e 8V fIN e 1 kHz input signal applied to
channel 1 volume e 0 dB bass e 0 dB treble e 0 dB and faders e 0 dB unless otherwise specified All limits TA e TJ e
25 C
Symbol
Parameter
Conditions
Typical
Limit
Units
(Note 6)
(Note 7)
(Limit)
IS
Supply Current
270
mA (max)
VIN
Input Voltage
Clipping Level (10% THD)
23
20
Vrms(min)
Select Out (Pins 8 22)
VOUT
Output Voltage
Clipping Level (10% THD)
12
065
Vrms(min)
Outputs (Pins 13 14 16 17)
THD
Total Harmonic Distortion
All Four Channels
Volume Attenuator at 0 dB Input Level 03 Vrms
015
03
% (max)
Volume Attenuator at b20 dB Input Level 06 Vrms
003
01
% (max)
EnOUT
Output Noise
All Four Channels CCIRARM Filter RS e 0X
65
300
m
Vrms (max)
EnOUT
Output Noise
All Four Channels CCIRARM Filter RS e 0X
50
200
m
Vrms (max)
Volume Attenuator eb80 dB
ROUT
DC Output Impedance
Pins 8 22
100
150
X
(max)
Pins 13 14 16 17
80
120
X
(max)
RIN
DC Input Impedance
Pins 4 5 6 7 23 24 25 26
2
MX
Volume Attenuator Range
Pins 16 17 Volume Attenuation at
0101110100X (0 dB) (Absolute Gain)
b
10
b
15
dB (max)
01011000000 (80 dB) (Relative to Attenuation at
800
750
dB (min)
the 0 dB setting)
Volume Step Size
All Volume Attenuation Settings from 01011001010
20
07
dB (min)
(60 dB) to 0101110100X (0 dB) (Note 9)
43
dB (max)
Channel-to-Channel Volume
Fader Attenuation from 1XXX000000
g
05
g
10
dB (max)
Tracking Error
(40 dB) to 1XXX1010X (0 dB)
Fader Attenuation Range
Pins 16 17 Fader Attenuation at
011XXX1010X (0 dB) (Absolute Gain)
b
10
b
15
dB (max)
011XXX00000 (40 dB) (Relative to Attenuation at
40
380
dB (min)
the 0 dB setting)
Fader Step Size
All Fader Attenuation Settings from 011XXX00000
20
10
dB (min)
(40 dB) to 011XXX1010X (0 dB) (Note 10)
45
dB (max)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com