Electronic Components Datasheet Search
  English  ▼

X  

XT40.721 Datasheet(PDF) 12 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 12 Page - PULS GmbH

Back Button XT40.721 Datasheet HTML 8Page - PULS GmbH XT40.721 Datasheet HTML 9Page - PULS GmbH XT40.721 Datasheet HTML 10Page - PULS GmbH XT40.721 Datasheet HTML 11Page - PULS GmbH XT40.721 Datasheet HTML 12Page - PULS GmbH XT40.721 Datasheet HTML 13Page - PULS GmbH XT40.721 Datasheet HTML 14Page - PULS GmbH XT40.721 Datasheet HTML 15Page - PULS GmbH XT40.721 Datasheet HTML 16Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
12/19
16. PROTECTION FEATURES
Output protection
Electronically protected against overload, no load and short circuits *)
Output over-voltage protection
max. 91.1Vdc
In case of an internal power supply failure, a redundant
circuit limits the maximum output voltage. The output
shuts-down and automatically attempts to restart.
Input overvoltage shut-down
typ. 3x 470Vac
XT40.721
typ. 3x 560Vac
XT40.722
Degree of protection
IP 20
EN/IEC 60529
Penetration protection
> 3.5mm
e.g. screws, small parts
Over-temperature protection
yes
output shut-down, reset required
Input transient protection
MOV (Metal Oxide Varistor) and active transient blocker
Internal input fuse
not included
See section 25.4
*) An audible noise may be heard during a no load, overload or short circuit event.
17. SAFETY
Input / output separation
Double or reinforced insulated. Voltages with a potential above 60Vdc are no
longer rated SELV or PELV and can be hazardous in some situations. Such voltages
must be installed with a protection to make the output voltage touch-safe.
Class of protection
I
PE (Protective Earth) connection required
Isolation resistance
> 5MOhm
input to output, 500Vdc
PE resistance
< 0.1Ohm
between housing and PE terminal
Touch current (leakage current)
typ. 0.30mA
XT40.721: 3x400V, 50Hz, TN mains
< 0.35mA
XT40.721: 3x440V, 50Hz, TN mains
typ. 0.40mA
XT40.722: 3x480V, 60Hz, TN mains
< 0.45mA
XT40.722: 3x524V, 60Hz, TN mains
18. DIELECTRIC STRENGTH
Fig. 18-1 Dielectric strength
A
B
C
Type test
60s
2500Vac
3000Vac
500Vac
Factory test
5s
2500Vac
2500Vac
500Vac
Field test
5s
2000Vac
2000Vac
500Vac
A
C
B
L1
Input
Earth
Output
-
+
L3
L2
Type tests and factory tests:
Conducted by the manufacturer. Do not repeat these test in
the field!
Rules for field test:
Use appropriate test equipment which applies the voltage
with a slow ramp! Connect L1, L2 and L3 together as well as
all output poles.
The output voltage is floating and has no ohmic connection to ground. Grounding of output allowed.
To fulfill the PELV requirements according to EN60204-1 paragraph 6.4.1, PULS recommend that either the + pole or
the – pole shall be connected to the protective earth system. This helps to avoid situations in which a load starts
unexpectedly or cannot be switched off when an unnoticed ground fault occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com