Electronic Components Datasheet Search
  English  ▼

X  

XT40.721 Datasheet(PDF) 19 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 19 Page - PULS GmbH

Back Button XT40.721 Datasheet HTML 11Page - PULS GmbH XT40.721 Datasheet HTML 12Page - PULS GmbH XT40.721 Datasheet HTML 13Page - PULS GmbH XT40.721 Datasheet HTML 14Page - PULS GmbH XT40.721 Datasheet HTML 15Page - PULS GmbH XT40.721 Datasheet HTML 16Page - PULS GmbH XT40.721 Datasheet HTML 17Page - PULS GmbH XT40.721 Datasheet HTML 18Page - PULS GmbH XT40.721 Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
19/19
25.12.MOUNTING ORIENTATIONS
Mounting orientations other than input terminals on the bottom and output on the top require a reduction in
continuous output power or a limitation in the max. allowed ambient temperature. The amount of reduction defines
the lifetime expectancy of the power supply. Therefore, two different derating curves for continuous operation can
be found below:
Curve A1
Recommended output current to achieve a minimum lifetime expectancy of 50 000h at 40°C ambient.
Curve A2
Max allowed output current for a safe operation (results approx. in half the lifetime expectancy of A1).
Fig. 25-2
Mounting
Orientation A
Standard
Orientation
Power
Supply
OUTPUT
INPUT
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
A1
Ambient Temperature
Fig. 25-3
Mounting
Orientation B
(Upside down)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
A2
Ambient Temperature
A1
Fig. 25-4
Mounting
Orientation C
(Table-top
mounting)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
Ambient Temperature
A1
A2
Fig. 25-5
Mounting
Orientation D
(Horizontal cw)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
Ambient Temperature
A1
A2
Fig. 25-6
Mounting
Orientation E
(Horizontal ccw)
Output Current
0
10
20
30
40
60°C
3.3
6.7
10
13.3A
50
Ambient Temperature
A1
A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com