Electronic Components Datasheet Search
  English  ▼

X  

XT40.721 Datasheet(PDF) 16 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 16 Page - PULS GmbH

Back Button XT40.721 Datasheet HTML 11Page - PULS GmbH XT40.721 Datasheet HTML 12Page - PULS GmbH XT40.721 Datasheet HTML 13Page - PULS GmbH XT40.721 Datasheet HTML 14Page - PULS GmbH XT40.721 Datasheet HTML 15Page - PULS GmbH XT40.721 Datasheet HTML 16Page - PULS GmbH XT40.721 Datasheet HTML 17Page - PULS GmbH XT40.721 Datasheet HTML 18Page - PULS GmbH XT40.721 Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
16/19
25. APPLICATION NOTES
25.1. PERIODICAL PEAK POWER CAPABILITY
Fig. 25-Periodical peak power compatibility.
The short term power can be used
periodically.
The duration of the peak power (TP)
must be shorter than 15s.
The time between two peak power
pulses must be three times longer than
the duration of the preceding pulse
length.
t
T
100%
125%
POUT
PNOM
TP
> 3x TP
25.2. CHARGING OF BATTERIES
The power supply shall not be used to charge batteries.
25.3. OUTPUT CIRCUIT BREAKERS
Consult PULS. Please note that standard circuit breaker are usually rated to maximum 60Vdc.
25.4. EXTERNAL INPUT PROTECTION
The power supply has no internal input fuses included. The unit is tested and approved for branch circuits up to 16A
(U.S.A 15A). External protection is only required if the supplying branch has an ampacity greater than this. In some
countries local regulations might apply so check all local codes and requirements. If an external fuse is necessary or
utilized, minimum requirements need to be considered to avoid nuisance tripping of the fuse.
B-Characteristic
C-Characteristic
Ampacity
max.
20A
20A
min.
6A
3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com