Electronic Components Datasheet Search
  English  ▼

X  

XT40.721 Datasheet(PDF) 15 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 15 Page - PULS GmbH

Back Button XT40.721 Datasheet HTML 11Page - PULS GmbH XT40.721 Datasheet HTML 12Page - PULS GmbH XT40.721 Datasheet HTML 13Page - PULS GmbH XT40.721 Datasheet HTML 14Page - PULS GmbH XT40.721 Datasheet HTML 15Page - PULS GmbH XT40.721 Datasheet HTML 16Page - PULS GmbH XT40.721 Datasheet HTML 17Page - PULS GmbH XT40.721 Datasheet HTML 18Page - PULS GmbH XT40.721 Datasheet HTML 19Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
15/19
24. COMPARISON BETWEEN THE XT40, A TRANSFORMER AND A TRADITIONAL
SWITCHED-MODE POWER SUPPLY
XT40 Semi-
regulated power
supply
Traditional
switched-mode
power supply
Transformer
power supply
Input voltage range
+
++
-
Inrush current surge
++
+
-
Hold-up time
-
+
-
Phase-loss operation
-
+
-
Efficiency
+++
++
-
Output voltage regulation
+
++
-
Output adjustment range
-
++
-
Ripple & noise voltage
-
++
-
Error diagnostics
++
++
-
Harmonic distortion (PFC)
+
+
-
EMC
++
++
+
Ease of installation
++
++
-
Size
+++
++
-
Weight
+++
+
-
+++…very, very good
++…very good
+…good
-…poor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com