Electronic Components Datasheet Search
  English  ▼

X  

XT40.721 Datasheet(PDF) 14 Page - PULS GmbH

Part # XT40.721
Description  THREE-PHASE INPUT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

XT40.721 Datasheet(HTML) 14 Page - PULS GmbH

Back Button XT40.721 Datasheet HTML 10Page - PULS GmbH XT40.721 Datasheet HTML 11Page - PULS GmbH XT40.721 Datasheet HTML 12Page - PULS GmbH XT40.721 Datasheet HTML 13Page - PULS GmbH XT40.721 Datasheet HTML 14Page - PULS GmbH XT40.721 Datasheet HTML 15Page - PULS GmbH XT40.721 Datasheet HTML 16Page - PULS GmbH XT40.721 Datasheet HTML 17Page - PULS GmbH XT40.721 Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
XT40.721, XT40.722
– X-Series
72V, 13A, THREE-PHASE INPUT
Jan. 2007 / Rev. 1.0 DS-XT40.72x-EN All parameters are specified at 72V 13.3A, 3x400Vac (XT40.721) or 3x480Vac (XT40.722),
25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/19
22. PHYSICAL DIMENSIONS AND WEIGHT
Weight
1400g / 3.09lb
DIN-Rail
Use 35mm DIN-rails according to EN 60715 or EN 50022 with a height of 7.5 or 15mm.
The DIN-rail height must be added to the depth (157mm) to calculate the total required
installation depth.
CAD files with mechanical data can be downloaded at www.pulspower.com
Fig. 22-1 Front view
Fig. 22-2 Side view
23. INSTALLATION AND OPERATION INSTRUCTIONS
Mounting and installation:
Output terminal must be located on top and input terminal on the bottom. For other orientations see section 25.12.
An appropriate electrical and fire end-product enclosure needs to be considered in the end use application.
Cooling:
Convection cooled, no forced air cooling required. Do not block ventilation grill by more than 30%!
Installation clearances:
40mm on top, 20mm on the bottom, 5mm on the left and right side are recommended when loaded permanently
with full power. If the adjacent device is a heat source, 15mm clearance are recommended.
Risk of electrical shock, fire, personal injury or death!
Do not use the unit without proper earth connection (Protective Earth). Use the pin on the terminal block for earth
connection and not one of the screws on the housing.
Turn power off before working on the power supply. Protect against inadvertent re-powering.
Make sure the wiring is correct by following all local and national codes.
Do not open, modify or repair the unit.
Use caution to prevent any foreign objects from entering into the housing.
Do not use in wet locations or in areas where moisture or condensation can be expected
Service parts:
The unit does not contain any field replaceable parts. If damage or malfunctioning should occur, immediately turn
power off and send the unit back to the factory for inspection!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com