Electronic Components Datasheet Search
  English  ▼

X  

SM588X Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM588X
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM588X Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM588X Datasheet HTML 3Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 4Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 5Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 6Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 7Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 8Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 9Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 10Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—7
AC Analog Characteristics
256fs type specification (SM5883BS) : VSS = 0 V, VDD = 5 V, 16-bit input type,
crystal oscillator frequency fOSC = 11.2896 MHz, Ta = 25 °C
Note: These parameters are measured using the measurement block diagram (page 8) and the measurement circuit (page 9).
384fs type specification (SM5882AS, SM5883AS) : VSS = 0 V, VDD = 5 V, DEEM = 0 V (2-wire type),
16-bit input type, crystal oscillator frequency fOSC = 16.9344 MHz, Ta = 25 °C
Note: These parameters are measured using the measurement block diagram (page 8) and the measurement circuit (page 9).
512fs type specification (SM5885CS) : VSS = 0 V, VDD = 5 V, 24-bit input type,
crystal oscillator frequency fOSC = 22.5792MHz, Ta = 25 °C
Note: These parameters are measured using the measurement block diagram (page 8) and the measurement circuit (page 9).
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
–
0.0035
0.0130
%
LSI output level
VOUT1
1 kHz, 0 dB
–
1.09
–
Vrms
Evaluation board output level
VOUT2
1 kHz, 0 dB
–
1.33
–
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
90.4
96.4
–
dB
Signal-to-noise ratio
S/N
1 kHz, 0dB/
−∞
92.8
98.8
–
dB
Channel separation
Ch. Sep
1 kHz,
−∞ −0dB
87.5
93.5
–
dB
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
–
0.003
0.0120
%
LSI output level
VOUT1
1 kHz, 0 dB
–
1.09
–
Vrms
Evaluation board output level
VOUT2
1 kHz, 0 dB
–
1.33
–
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
90.4
96.4
–
dB
Signal-to-noise ratio
S/N
1 kHz, 0dB/
−∞
93.0
99.0
–
dB
Channel separation
Ch. Sep
1 kHz,
−∞ −0dB
88.5
94.5
–
dB
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Total harmonic distortion
THD
+ N
1 kHz, 0 dB
–
0.0035
0.0130
%
LSI output level
VOUT1
1 kHz, 0 dB
–
1.09
–
Vrms
Evaluation board output level
VOUT2
1 kHz, 0 dB
–
1.33
–
Vrms
Dynamic range
D.R
1 kHz,
−60 dB
92.0
98.0
–
dB
Signal-to-noise ratio
S/N
1 kHz, 0dB/
−∞
92.8
98.8
–
dB
Channel separation
Ch. Sep
1 kHz,
−∞ −0dB
87.5
93.5
–
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com