Electronic Components Datasheet Search
  English  ▼

X  

SM588X Datasheet(PDF) 10 Page - Nippon Precision Circuits Inc

Part # SM588X
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM588X Datasheet(HTML) 10 Page - Nippon Precision Circuits Inc

Back Button SM588X Datasheet HTML 6Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 7Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 8Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 9Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 10Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 11Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 12Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 13Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 14Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—10
Theoretical Filter Characteristics
Overall characteristics
Overall frequency characteristic
Passband characteristic
Parameter
Frequency band
Attenuation (dB)
f
@ fs = 44.1 kHz
min
typ
max
Passband ripple
0 to 0.4535fs
0 to 20.0 kHz
−0.05
–
+0.05
Stopband attenuation
0.5465fs to 7.4535fs
24.1 to 328.7 kHz
32
–
–
Built-in analog LPF compensation
0.4535fs
20.0 kHz
–
−0.34
–
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
60
50
40
30
20
10
0
(
× fs)
0.000
0.125
0.250
0.375
0.500
0.8
0.6
0.4
0.2
0.0
0.4535
(
× fs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com