Electronic Components Datasheet Search
  English  ▼

X  

SM588X Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM588X
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM588X Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM588X Datasheet HTML 8Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 9Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 10Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 11Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 12Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 13Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 14Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 15Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—12
FUNCTIONAL DESCRIPTION
System Clock (CLK)
The system clock CLK frequency varies with device within the series as shown below, where fs is the input
frequency on LRCI.
Note that the input clock accuracy and signal-to-noise ratio greatly influence the AC analog characteristics.
The D/A converter operates at the speed shown in the following table.
System Reset
The SM588
× series devices incorporate a built-in power-ON reset circuit for system reset.
When power is applied, the internal arithmetic operation and output timing counter are reset, and then reset
again and timing synchronized to the external input on the next LRCI rising edge. After system reset, the out-
puts are muted until the 9th rising of LRCI when output muting is released.
When the timing is reset, the PWM outputs may generate an output noise. An external muting circuit may be
required to prevent this output noise.
Table 1. System clock
Device
Master clock
DAC oversampling
operation
A version
384fs
48fs
B, C version
256/512fs
32fs
Figure 1. System reset timing
LRCI
VDD
Internal
Reset
LO
RO
Output Muted
12
3
9
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com