Electronic Components Datasheet Search
  English  ▼

X  

SM588X Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # SM588X
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM588X Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button SM588X Datasheet HTML 4Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 5Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 6Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 7Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 8Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 9Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 10Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 11Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—8
AC analog measurement block diagram
AC analog measurement conditions
Parameter1
1.
Pins LO and RO should have an output load of 10 k
Ω (min).
Symbol
3346A left/right-channel selector
switch
Audio Precision System Two audio
analyzer with built-in filter
Total harmonic distortion
THD
+ N
Not used
20 kHz lowpass filter
Output level
VOUT
Dynamic range
D.R
D-RANGE
Signal-to-noise ratio
S/N
Not used
22 kHz lowpass filter
A-WTD
Channel separation
Ch. Sep
Not used
20 kHz lowpass filter
Evaluation
Board
NF Corporation
CD Player
EVA. Filter3346A
Left
Channel
Right
Channel
*Not available for 2-wire type
CLK
Audio Precision System Two
corresponds to SYS-2322
BCLK*
LRCK(fs)
fs= 44.1kHz
256fs/384fs
/512fs
Serial Interface Adaptor
corresponds to SIA-2322
100k
Ω Input Impedance
DATA= 16/24bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com