Electronic Components Datasheet Search
  English  ▼

X  

SM588X Datasheet(PDF) 15 Page - Nippon Precision Circuits Inc

Part # SM588X
Description  Audio 3rd-order D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM588X Datasheet(HTML) 15 Page - Nippon Precision Circuits Inc

Back Button SM588X Datasheet HTML 8Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 9Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 10Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 11Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 12Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 13Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 14Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 15Page - Nippon Precision Circuits Inc SM588X Datasheet HTML 16Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
SM588
× series
NIPPON PRECISION CIRCUITS—15
TYPICAL APPLICATIONS
Input Interface Examples
(fs = 44.1kHz)
Note that the output analog characteristics and other specifications are not guaranteed for a particular format or application circuit.
SM5882/83/85
44.1kHz
CKI
LRCI
DATA
X'tal
16.9344MHz (384fs)
SM5882/83/85
44.1kHz
CKI
LRCI
DATA
BCKI
X'tal
16.9344MHz (384fs)
3-wire input type
System clock 384fs
2-wire input type
System clock 384fs
SM5882/83/85
44.1kHz
CKI
LRCI
DATA
BCKI
X'tal
11.2896MHz (256fs)
3-wire input type
System clock 256fs
SM5882/83/85
44.1kHz
CKI
LRCI
DATA
X'tal
11.2896MHz (256fs)
2-wire input type
System clock 256fs
SM5882/83/85
44.1kHz
CKI
LRCI
DATA
BCKI
X'tal
22.5792MHz (512fs)
3-wire input type
System clock 512fs
SM5882/83/85
44.1kHz
CKI
LRCI
DATA
X'tal
22.5792MHz (512fs)
2-wire input type
System clock 512fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com