Electronic Components Datasheet Search
  English  ▼

X  

LM3211 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3211
Description  Step-up PWM DC/DC Converter Integrated with 4 Buffers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3211 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM3211 Datasheet HTML 5Page - National Semiconductor (TI) LM3211 Datasheet HTML 6Page - National Semiconductor (TI) LM3211 Datasheet HTML 7Page - National Semiconductor (TI) LM3211 Datasheet HTML 8Page - National Semiconductor (TI) LM3211 Datasheet HTML 9Page - National Semiconductor (TI) LM3211 Datasheet HTML 10Page - National Semiconductor (TI) LM3211 Datasheet HTML 11Page - National Semiconductor (TI) LM3211 Datasheet HTML 12Page - National Semiconductor (TI) LM3211 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Typical Performance Characteristics (Continued)
Frequency vs. V
IN
(1.25 MHz)
Feedback Pin Current vs. Temperature
20062224
20062257
C
SS Pin Current vs. VIN
Load Transient Response
20062258
20062276
VOUT = 8V, VIN = 3V, F = 1.25MHz
1) Load, 80mA to 260mA to 80mA
2) IL, 500mA/div, DC
3) VOUT, 100mV/div, AC
T = 100µs/div
Load Transient Response
Load Transient Response
20062283
VOUT = 8V, VIN = 3V, F = 600kHz
1) Load, 80mA to 260mA to 80mA
2) IL, 500mA/div, DC
3) VOUT, 200mV/div, AC
T = 100µs/div
20062275
VOUT = 10V, VIN = 5V, F = 1.25MHz
1) Load, 195mA to 385mA to 195mA
2) IL, 500mA/div, DC
3) VOUT, 500mV/div, AC
T = 100µs/div
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com