Electronic Components Datasheet Search
  English  ▼

X  

LM3211 Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3211
Description  Step-up PWM DC/DC Converter Integrated with 4 Buffers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3211 Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button LM3211 Datasheet HTML 13Page - National Semiconductor (TI) LM3211 Datasheet HTML 14Page - National Semiconductor (TI) LM3211 Datasheet HTML 15Page - National Semiconductor (TI) LM3211 Datasheet HTML 16Page - National Semiconductor (TI) LM3211 Datasheet HTML 17Page - National Semiconductor (TI) LM3211 Datasheet HTML 18Page - National Semiconductor (TI) LM3211 Datasheet HTML 19Page - National Semiconductor (TI) LM3211 Datasheet HTML 20Page - National Semiconductor (TI) LM3211 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Application Information
Some recommended Inductors (others may be used)
Manufacturer
Inductor
Contact Information
Coilcraft
DO3316 series
www.coilcraft.com
Coiltronics
DRQ73 series
www.cooperet.com
Pulse
P0751 series
www.pulseeng.com
Sumida
CDRH8D28 series
www.sumida.com
Some recommended Input and Output Capacitors (others may be used)
Manufacturer
Capacitor
Contact Information
Vishay Sprague
293D, 592D, and 595D series tantalum
www.vishay.com
Taiyo Yuden
High capacitance MLCC ceramic
www.t-yuden.com
Cornell Dubilier
ESRD seriec Polymer Aluminum Electrolytic
SPV and AFK series V-chip series
www.cde.com
Panasonic
High capacitance MLCC ceramic
EEJ-L series tantalum
www.panasonic.com
20062259
FIGURE 5. 600kHz, 8V Application
www.national.com
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com