Electronic Components Datasheet Search
  English  ▼

X  

LM3211 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3211
Description  Step-up PWM DC/DC Converter Integrated with 4 Buffers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3211 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM3211 Datasheet HTML 10Page - National Semiconductor (TI) LM3211 Datasheet HTML 11Page - National Semiconductor (TI) LM3211 Datasheet HTML 12Page - National Semiconductor (TI) LM3211 Datasheet HTML 13Page - National Semiconductor (TI) LM3211 Datasheet HTML 14Page - National Semiconductor (TI) LM3211 Datasheet HTML 15Page - National Semiconductor (TI) LM3211 Datasheet HTML 16Page - National Semiconductor (TI) LM3211 Datasheet HTML 17Page - National Semiconductor (TI) LM3211 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Operation (Continued)
V
OUT =8V, VIN = 2.5V, RL =27
Ω,C
SS = 330nF, T = 4ms/div,
F = 1.25MHz.
Trace:
1) SHDN, 1V/div, DC Coupled
2) I
L, 0.5A/div, DC Coupled
3) V
OUT, 5V/div, DC Coupled
20062280
T
A = −20˚C
20062281
T
A = 27˚C
20062282
T
A = 85˚C
When programming the softstart time externally, simply use
the equation given in the Soft-Start Capacitor section above.
This equation uses the typical room temperature value of the
soft start current, 11µA, to set the soft start time.
INTRODUCTION TO COMPENSATION
The LM3211 is a current mode PWM boost converter. The
signal flow of this control scheme has two feedback loops,
one that senses switch current and one that senses output
voltage.
To keep a current programmed control converter stable
above duty cycles of 50%, the inductor must meet certain
criteria. The inductor, along with input and output voltage,
will determine the slope of the current through the inductor
(see Figure 2 (a)). If the slope of the inductor current is too
great, the circuit will be unstable above duty cycles of 50%.
A 10µH inductor is recommended for most 600 kHz applica-
tions, while a 4.7µH inductor may be used for most 1.25 MHz
applications. If the duty cycle is approaching the maximum of
85%, it may be necessary to increase the inductance by as
much as 2X. See Inductor and Diode Selection for more
detailed inductor sizing.
The LM3211 provides a compensation pin (V
C) to customize
the voltage loop feedback. It is recommended that a series
combination of R
C and CC be used for the compensation
network, as shown in the typical application circuit. For any
given application, there exists a unique combination of R
C
and C
C that will optimize the performance of the LM3211
circuit in terms of its transient response. The series combi-
nation of R
C and CC introduces a pole-zero pair according to
the following equations:
where R
O is the output impedance of the error amplifier,
approximately 1M
Ω. For most applications, performance can
be optimized by choosing values within the range 5k
Ω≤ R
C
≤ 60kΩ (R
C can be up to 200k
Ω if C
C2 is used, see High
Output Capacitor ESR Compensation) and 680pF
≤ C
C
≤
20062205
FIGURE 2. (a) Inductor current. (b) Diode current.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com