Electronic Components Datasheet Search
  English  ▼

X  

LM3211 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3211
Description  Step-up PWM DC/DC Converter Integrated with 4 Buffers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3211 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3211 Datasheet HTML 13Page - National Semiconductor (TI) LM3211 Datasheet HTML 14Page - National Semiconductor (TI) LM3211 Datasheet HTML 15Page - National Semiconductor (TI) LM3211 Datasheet HTML 16Page - National Semiconductor (TI) LM3211 Datasheet HTML 17Page - National Semiconductor (TI) LM3211 Datasheet HTML 18Page - National Semiconductor (TI) LM3211 Datasheet HTML 19Page - National Semiconductor (TI) LM3211 Datasheet HTML 20Page - National Semiconductor (TI) LM3211 Datasheet HTML 21Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Operation (Continued)
LAYOUT CONSIDERATIONS
The LM3211 uses two separate ground connections, GND
for the driver and NMOS power device of the boost regulator
and AGND for the sensitive analog control circuitry of the
boost regulator and the V
COM and Gamma buffers. The
AGND and GND pins should be tied directly together at the
package, see Figure 3 and Figure 4. The feedback, softstart,
and compensation networks should be connected directly to
a dedicated analog ground plane and this ground plane must
connect to the AGND pin, as in Figure 3. If no analog ground
plane is available then the ground connections of the feed-
back, softstart, and compensation networks must tie directly
to the AGND pin, as show in Figure 4. Connecting these
networks to the GND pin can inject noise into the system and
effect performance. For 600kHz operation the FSLCT pin
should be tied to an analog ground plane or directly to the
AGND pin. For 1.25MHz operation the FSLCT pin should be
tied to the V
IN pin.
The input bypass capacitor C
IN must be placed close to the
IC. This will reduce copper trace resistance which effects
input voltage ripple of the IC. For additional input voltage
filtering, a 100nF bypass capacitor can be placed in parallel
with C
IN, close to the VIN pin, to shunt any high frequency
noise to ground. The output capacitor, C
OUT, should also be
placed close to the IC. Any copper trace connections for the
C
OUT capacitor can increase the series resistance, which
directly effects output voltage ripple and efficiency. The feed-
back network, resistors R1 and R2, should be kept close to
the FB pin, and away from the inductor, to minimize copper
trace connections that can inject noise into the system.
Trace connections made to the inductor and schottky diode
should be minimized to reduce power dissipation and in-
crease overall efficiency.
The layout of the Gamma buffer traces is important to mini-
mize noise injected into them. Route all input and output
traces for the buffers away from the inductor and the high
power switching traces used for the boost switcher. For best
performance route these traces on the opposite side of the
board from the high current switching traces and use a
ground plane between the two sides for shielding.
20062252
FIGURE 3. Multi-Layer Layout
20062253
FIGURE 4. Single Layer Layout
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com