Electronic Components Datasheet Search
  English  ▼

X  

WTS701EM/T Datasheet(PDF) 71 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 71 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 67Page - Winbond WTS701EM/T Datasheet HTML 68Page - Winbond WTS701EM/T Datasheet HTML 69Page - Winbond WTS701EM/T Datasheet HTML 70Page - Winbond WTS701EM/T Datasheet HTML 71Page - Winbond WTS701EM/T Datasheet HTML 72Page - Winbond WTS701EM/T Datasheet HTML 73Page - Winbond WTS701EM/T Datasheet HTML 74Page - Winbond WTS701EM/T Datasheet HTML 75Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 71 -
Revision 3.09
10. ELECTRICAL CHARACTERISTICS
(VCC = 3.3V, VSS = 0V, TA = 0 to 70
°C)
Table 20. General Parameters.
PARAMETER
SYMBOL
TEST CONDITIONS
SPEC
UNIT
MIN
(6)
TYP
(7)
MAX.
Input LOW Voltage
VIL
VCC x
0.2
V
Input HIGH Voltage
VIH
VCC x
0.8
V
Output LOW Voltage
VOL
IOL = 10 µA
0.4
V
R/ B , INT Output LOW
Voltage
VOL1
IOL = 1 mA
0.4
V
Output HIGH Voltage
VOH
IOL = -10 µA
VCC –
0.4
V
VCC Current (Operating)
- Convert
- Idle
- CODEC
- Speaker
ICC
No Load
(8)
No Load
(8)
No Load
(8)
No Load
(8)
50
20
20
15
mA
mA
mA
mA
VCC Current (Standby)
ISB
(8)
1
50
µA
Input Leakage Current
IIL
+/-1
µA
6 All Min/Max limits are guaranteed by Winbond via electrical testing or characterization. Not all specifications
are 100% tested.
7 Typical values are T = 25°C and VCC = 3.0V, timing measured at 50% levels.
8 VCCA and VCCD summed together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com