Electronic Components Datasheet Search
  English  ▼

X  

WTS701EM/T Datasheet(PDF) 31 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 31 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 27Page - Winbond WTS701EM/T Datasheet HTML 28Page - Winbond WTS701EM/T Datasheet HTML 29Page - Winbond WTS701EM/T Datasheet HTML 30Page - Winbond WTS701EM/T Datasheet HTML 31Page - Winbond WTS701EM/T Datasheet HTML 32Page - Winbond WTS701EM/T Datasheet HTML 33Page - Winbond WTS701EM/T Datasheet HTML 34Page - Winbond WTS701EM/T Datasheet HTML 35Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
WTS701
Publication Release Date: May 2003
- 31 -
Revision 3.09
RINT
READ INTERRUPT
The Read Interrupt command reads the status word of the device, it also clears the status interrupt
request flags at the end of the transaction. As a result of this command, all interrupt bits are cleared
and INT pin is released. Refer to subsections 7.3.2 and 7.3.4 for more information regarding the
STATUS register and BCNT register.
RINT
Class
0
Type
II
Host controller
0x06
0x00
0x00
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
BCNT1
BCNT0
Description:
Read status word and clear the status interrupt bits.
RREG
READ CONFIGURATION REGISTER
The read configuration register command reads the configuration register specified in the command
data byte. The code 0xNN is the register number and it is described in Table 10 – Configuration
Registers, subsection 7.4.2.
RREG
Class
3
Type
IV
Host controller
0xC0
0xNN
0x00
0x00
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
XX
REG
Description:
Read configuration register 0xNN.
Note: XX = don’t care.
SCOM
SET COM REGISTER
Set the COM (interrupt communication) configuration register to value 0xNN. Refer to subsection 7.4.3
describing all configuration registers and the COM register in particular.
The Default value of this register after Power-Up or Reset is 0x00. Refer to subsection 7.4.3 -
Configuration Registers, which describes all register bits.
SCOM
Class
1
Type
I
Host controller
0x4E
0xNN
Byte Sequence:
WTS701
Status Byte 0
Status Byte 1
Description:
Set the COM (interrupt communication) configuration register
to value 0xNN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com