Electronic Components Datasheet Search
  English  ▼

X  

WTS701EM/T Datasheet(PDF) 18 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 18 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 14Page - Winbond WTS701EM/T Datasheet HTML 15Page - Winbond WTS701EM/T Datasheet HTML 16Page - Winbond WTS701EM/T Datasheet HTML 17Page - Winbond WTS701EM/T Datasheet HTML 18Page - Winbond WTS701EM/T Datasheet HTML 19Page - Winbond WTS701EM/T Datasheet HTML 20Page - Winbond WTS701EM/T Datasheet HTML 21Page - Winbond WTS701EM/T Datasheet HTML 22Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 77 page
background image
WTS701
- 18 -
Table 2. AUXIN Gain Settings.
AUD Register
0TLP Input
VP-P
1
AIG1
AIG0
Gain
2
Gain
2
(dB)
Resistor
Ratio
(Rb/Ra)
Speaker
Out VP-P
3
0.694
0
0
1.00
0
40.1 / 40.1
1.388
0.491
0
1
1.41
3
47.0 / 33.2
1.388
0.347
1
0
2.00
6
53.5 / 26.7
1.388
0.245
1
1
2.82
9
59.2 / 21
1.388
1OTLP Input is the reference Transmission Level Point that is used for testing. This level is typically 3 dB below clipping.
2From AUXIN to AUXOUT. 3Measured differentially at SP+/SP-.
AUXOUT (Analog Output)
The AUXOUT is an audio output pin used to provide an analog output of the synthesized speech from
the WTS701. It drives a minimum load of 5 k
Ω up to a maximum of 1 V p-p. The AC signal is
superimposed on approximately 1.2 VDC bias and must be capacitively coupled to the load. This
output stage may be powered down by clearing the AOPU bit via the SAUD command.
SP +, SP- (Speaker +/-)
This is the speaker differential output circuit. It is designed to drive an 8
Ω speaker connected across
the speaker pins up to a maximum of 23.5 mW power. This stage has selectable gains of 1.32 and
1.6, which can be chosen through the SPG bit via the SAUD command. These pins are biased to ap-
proximately 1.2 VDC and, if used single-ended, must be capacitively coupled to their load. Do NOT
ground the unused pin. This output stage may be powered down by clearing the SPPU bit via the
SAUD command.
ATTCAP (AutoMute Attenuator Capacitor)
This pin provides a capacitor connection for setting the AutoMute. It should have a 4.7 µF capacitor
connected to ground and it cannot be left floating. The AutoMute circuit reduces the amount of noise
present in the output during quiet pauses.
7.2.8 Resetting
The chip has an internal power-on reset circuit that ensures correct initialization upon application of
power. The reset pin signal must be held HIGH for 0.5
µs to achieve a reset (see Figure 8) and to put
the WTS701 in the RESET state. Once the WTS701 completes the reset, it will enter the POWER
DOWN mode. Before issuing active commands, a clock configuration and device power up command
must be issue in the POWER DOWN mode.
Issuing a Reset command (RST) resets the WTS701 processor to the initial POWER DOWN state.
Applying the reset pin, while the chip is active, allows the host processor to reset the WTS701 to its
default values and the IDLE state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com