Electronic Components Datasheet Search
  English  ▼

X  

WTS701EM/T Datasheet(PDF) 22 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 22 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 18Page - Winbond WTS701EM/T Datasheet HTML 19Page - Winbond WTS701EM/T Datasheet HTML 20Page - Winbond WTS701EM/T Datasheet HTML 21Page - Winbond WTS701EM/T Datasheet HTML 22Page - Winbond WTS701EM/T Datasheet HTML 23Page - Winbond WTS701EM/T Datasheet HTML 24Page - Winbond WTS701EM/T Datasheet HTML 25Page - Winbond WTS701EM/T Datasheet HTML 26Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 77 page
background image
WTS701
- 22 -
Table 4. Status Bit Description.
Byte
Bit Name
Bit #
RDY
0
Ready to accept commands. After the device has been powered up,
this bit is set after the Power Up latency delay.
CNVT
1
Converting. This bit is set anytime while the conversion process is
running. If this bit is clear when a convert command is sent, the count in
the Count register is set to 0.
BEMP
2
The text input buffer is empty. This bit is set anytime the input buffer is
empty.
BFUL
3
The text input buffer is full. This bit is cleared after 128 bytes become
available in the input buffer.
COD
4
CODEC is enabled. This is set when the CODEC has been enabled by
the SCOD command.
ICNV
5
Conversion finished interrupt has occurred. To stop CODEC
transmission or Power Down the analog outputs an IDLE command
should be sent. This bit is cleared by RINT command.
IBUF
6
The input text buffer been filled above the defined threshold and then
gone below the defined threshold. The buffer threshold level is set by
the SCOM command. If set by the SCOM command, the INT pin will
also go LOW. This bit is cleared by RINT command.
ICNT
7
Count interrupt has occurred. This interrupt is generated every time a
word has been spoken if activated by the SCOM command. This bit is
cleared by RINT command.
ICMD
0
Command was ignored. Anytime ICMD is set, the transaction must
revert to a single word command and the command must be resent.
Any data sent will be ignored.
IABB
2
Abbreviation interrupt has occurred, abbreviation add or abbreviation
delete has been completed. Now the ENTER_RRSM command can be
sent.
R/ B
7
Current state of the R/ B pin. If this bit is 0, any data sent will be
ignored.
*5 bits are reserved.
7.3.3 Interrupt Handler
If an interrupt has occurred, no further interrupts will be registered until the first interrupt has been
cleared. Only one interrupt can be active at any time.
The RINT command will read and clear pending interrupts while the RDST command will read
interrupts without clearing them.
Make sure that all interrupts that are not being used are masked by clearing the corresponding bits in
the COM register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com