Electronic Components Datasheet Search
  English  ▼

X  

WTS701EM/T Datasheet(PDF) 38 Page - Winbond

Part # WTS701EM/T
Description  WINBOND SINGLE-CHIP TEXT-TO-SPEECH PROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WTS701EM/T Datasheet(HTML) 38 Page - Winbond

Back Button WTS701EM/T Datasheet HTML 34Page - Winbond WTS701EM/T Datasheet HTML 35Page - Winbond WTS701EM/T Datasheet HTML 36Page - Winbond WTS701EM/T Datasheet HTML 37Page - Winbond WTS701EM/T Datasheet HTML 38Page - Winbond WTS701EM/T Datasheet HTML 39Page - Winbond WTS701EM/T Datasheet HTML 40Page - Winbond WTS701EM/T Datasheet HTML 41Page - Winbond WTS701EM/T Datasheet HTML 42Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 77 page
background image
WTS701
- 38 -
Table 10. Configuration Registers.
MSB
LSB
Register
Reg. #
Default
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
COM
0x4E
0x00
ICNT
IBUF
ICNV
X
X
X
BUF1
BUF0
COD
0x4F
0x01
X
X
X
X
X
MD2
MD1
MD0
AUD
0x50
0x43
AOPU
SPPU
SPG
FDTH
X
X
AIG1
AIG0
VOL
0x51
0x07
X
X
X
X
X
VL2
VL1
VL0
CLC
0x14
None
X
X
X
CLC4
CLC3
CLC2
CLC1
CLC0
SPD
0x52
0x02
X
X
X
X
X
SPD2
SPD1
SPD0
X = Reserved.
The bits of each register are described below:
COM Register
ICNT
If set to a ‘1’, the device will generate an interrupt when the Count register has
been updated. This occurs after each word has been spoken.
IBUF
If set to ‘1’, the device will generate an interrupt when the buffer level crosses the
threshold set by the BUF bits. (see Table 3, Status bytes).
ICNV
If set to ‘1’, the device will generate an interrupt when the end of a conversion is
reached.
BUF1..0
If IBUF is set, BUF1..0 determines the buffer level at which the interrupt will be
generated.
00b – Input buffer empty.
01b – Input buffer <10% full.
10b – Input buffer <50% full.
11b – Input buffer <75% full.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com