Electronic Components Datasheet Search
  English  ▼

X  

ISP1102 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # ISP1102
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button ISP1102 Datasheet HTML 4Page - NXP Semiconductors ISP1102 Datasheet HTML 5Page - NXP Semiconductors ISP1102 Datasheet HTML 6Page - NXP Semiconductors ISP1102 Datasheet HTML 7Page - NXP Semiconductors ISP1102 Datasheet HTML 8Page - NXP Semiconductors ISP1102 Datasheet HTML 9Page - NXP Semiconductors ISP1102 Datasheet HTML 10Page - NXP Semiconductors ISP1102 Datasheet HTML 11Page - NXP Semiconductors ISP1102 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
8 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.
Electrostatic discharge (ESD)
8.1 ESD protection
For HBCC package, the pins that are connected to the USB connector (D+, D
−,
VCC(5.0) and GND) have a minimum of ±12 kV ESD protection. The ±12 kV
measurement is limited by the test equipment. Capacitors of 4.7
µF connected from
Vreg(3.3) to GND and VCC(5.0) to GND are required to achieve this ±12 kV ESD
protection (see Figure 4).
The ISP1102W can withstand
±12 kV using the Human Body Model and ±5 kV using
the Contact Discharge Method as specified in
IEC 61000-4-2.
Note: For HVQFN package, the pins that are connected to the USB connector (D+,
D
−, V
CC(5.0) and GND) have a minimum of ±7 kV ESD protection.
8.2 ESD test conditions
A detailed report on test set-up and results is available on request.
Fig 4.
Human Body ESD test model.
1 M
Ω
1500
Ω
HIGH VOLTAGE
DC SOURCE
4.7
µF
4.7
µF
R
C
R
D
V
CC(5.0)
V
reg(3.3)
DEVICE UNDER
TEST
C
S
100 pF
storage
capacitor
charge current
limit resistor
discharge
resistance
GND
A
B
004aaa145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com