Electronic Components Datasheet Search
  English  ▼

X  

ISP1102 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # ISP1102
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102 Datasheet(HTML) 2 Page - NXP Semiconductors

  ISP1102 Datasheet HTML 1Page - NXP Semiconductors ISP1102 Datasheet HTML 2Page - NXP Semiconductors ISP1102 Datasheet HTML 3Page - NXP Semiconductors ISP1102 Datasheet HTML 4Page - NXP Semiconductors ISP1102 Datasheet HTML 5Page - NXP Semiconductors ISP1102 Datasheet HTML 6Page - NXP Semiconductors ISP1102 Datasheet HTML 7Page - NXP Semiconductors ISP1102 Datasheet HTML 8Page - NXP Semiconductors ISP1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
2 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
3.
Applications
s Portable electronic devices, such as:
x Mobile phone
x Digital Still Camera (DSC)
x Personal Digital Assistant (PDA)
x Information Appliance (IA).
4.
Ordering information
5.
Block diagram
Table 1:
Ordering information
Type number
Package
Name
Description
Version
ISP1102W
HBCC16
plastic thermal enhanced bottom chip carrier; 16 terminals;
body 3
× 3 × 0.65 mm
SOT639-2
ISP1102BS
HVQFN14
plastic thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5
× 2.5 × 0.85 mm
SOT773-1
Fig 1.
Block diagram.
004aaa207
VCC(I/O)
VCC(5.0)
VOLTAGE
REGULATOR
3.3 V
1.5 k
Ω
33
Ω (1%)
33
Ω (1%)
LEVEL
SHIFTER
ISP1102
SOFTCON
Vreg(3.3)
GND
Vpu(3.3)
D
+
D
−
OE
RCV
VP/VPO
VM/VMO
VBUSDET
SUSPND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com