Electronic Components Datasheet Search
  English  ▼

X  

ISP1102 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # ISP1102
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102 Datasheet(HTML) 1 Page - NXP Semiconductors

  ISP1102 Datasheet HTML 1Page - NXP Semiconductors ISP1102 Datasheet HTML 2Page - NXP Semiconductors ISP1102 Datasheet HTML 3Page - NXP Semiconductors ISP1102 Datasheet HTML 4Page - NXP Semiconductors ISP1102 Datasheet HTML 5Page - NXP Semiconductors ISP1102 Datasheet HTML 6Page - NXP Semiconductors ISP1102 Datasheet HTML 7Page - NXP Semiconductors ISP1102 Datasheet HTML 8Page - NXP Semiconductors ISP1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ISP1102
Advanced Universal Serial Bus transceiver
Rev. 03 — 02 September 2003
Product data
1.
General description
The ISP1102 Universal Serial Bus (USB) transceiver is fully compliant with the
Universal Serial Bus Specification Rev. 2.0. The ISP1102 can transmit and receive
USB data at full-speed (12 Mbit/s).
The transceiver allows USB Application Specific ICs (ASICs) and Programmable
Logic Devices (PLDs) with power supply voltages from 1.65 to 3.6 V to interface with
the physical layer of the USB. The transceiver has an integrated 5 V-to-3.3 V voltage
regulator for direct powering via the USB supply line VBUS. The transceiver has an
integrated voltage detector to detect the presence of the VBUS voltage (VCC(5.0)).
When VCC(5.0) or Vreg(3.3) is lost, the D+ and D− pins can be shared with other serial
protocols.
The transceiver is a bi-directional differential interface and is available in HBCC16
and HVQFN14 packages.
The transceiver is ideal for use in portable electronic devices, such as mobile phones,
digital still cameras, personal digital assistants and information appliances.
2.
Features
s Complies with Universal Serial Bus Specification Rev. 2.0
s Supports data transfer at full-speed (12 Mbit/s)
s Integrated 5 V-to-3.3 V voltage regulator for powering via USB line VBUS
s VBUS voltage presence indication on pin VBUSDET
s VP and VM pins function in bi-directional mode allowing pin count saving for ASIC
interface
s Used as USB device transceiver or USB host transceiver
s Stable RCV output during single-ended zero (SE0) condition
s Two single-ended receivers with hysteresis
s Low-power operation
s Supports I/O voltage range from 1.65 to 3.6 V
s
±12 kV ESD protection (ISP1102W) at D+, D−, VCC(5.0) and GND pins
s Full industrial operating temperature range from
−40 to +85 C
s Available in HBCC16 and HVQFN14 lead-free and halogen-free packages.


Similar Part No. - ISP1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
ISP1102AW NXP-ISP1102AW Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
More results

Similar Description - ISP1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1107 PHILIPS-ISP1107 Datasheet
536Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 01-23 February 2000
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
Universal Serial Bus Transceiver
1999 Jun 04
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
Universal Serial Bus Transceiver
logo
NXP Semiconductors
ISP1104 PHILIPS-ISP1104 Datasheet
494Kb / 19P
Advanced Universal Serial Bus transceiver
Rev. 02-14 October 2003
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
Universal Serial Bus Transceiver
logo
Texas Instruments
TUSB2551 TI-TUSB2551 Datasheet
530Kb / 18P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551A TI-TUSB2551A Datasheet
834Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
TUSB2551 TI-TUSB2551_10 Datasheet
652Kb / 20P
ADVANCED UNIVERSAL SERIAL BUS TRANSCEIVER
logo
NXP Semiconductors
ISP1102A NXP-ISP1102A Datasheet
168Kb / 25P
Advanced Universal Serial Bus transceiver
Rev. 01-15 February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com