Electronic Components Datasheet Search
  English  ▼

X  

ISP1102 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # ISP1102
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102 Datasheet(HTML) 4 Page - NXP Semiconductors

  ISP1102 Datasheet HTML 1Page - NXP Semiconductors ISP1102 Datasheet HTML 2Page - NXP Semiconductors ISP1102 Datasheet HTML 3Page - NXP Semiconductors ISP1102 Datasheet HTML 4Page - NXP Semiconductors ISP1102 Datasheet HTML 5Page - NXP Semiconductors ISP1102 Datasheet HTML 6Page - NXP Semiconductors ISP1102 Datasheet HTML 7Page - NXP Semiconductors ISP1102 Datasheet HTML 8Page - NXP Semiconductors ISP1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
4 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[1]
Symbol names with an overscore (e.g. OE) indicate active LOW signals.
n.c.
6
-
-
not connected
VCC(I/O)
7
6
-
supply voltage for digital I/O pins (1.65 to 3.6 V). When VCC(I/O) is not
connected, the D+ and D
− pins are in three-state. This supply pin is totally
independent of VCC(5.0) and Vreg(3.3) and must never exceed the Vreg(3.3)
voltage.
VBUSDET
8
7
O
VBUS indicator output (CMOS level with respect to VCC(I/O)); when
VBUS > 4.1 V, then VBUSDET = HIGH and when VBUS < 3.6 V, then
VBUSDET = LOW; when SUSPND = HIGH, then pin VBUSDET is pulled
HIGH
output pad; push pull; 4 mA output drive; CMOS
D
−
9
8
AI/O
negative USB data bus connection (analog, differential)
D+
10
9
AI/O
positive USB data bus connection (analog, differential)
n.c.
11
-
not connected
n.c.
12
-
not connected
n.c.
-
10
-
not connected
Vreg(3.3)
13
11
-
internal regulator option: regulated supply voltage output (3.0 to 3.6 V)
during 5 V operation; a decoupling capacitor of at least 0.1
µF is required
regulator bypass option: used as a supply voltage input (3.3 V
±10%)
for 3.3 V operation
VCC(5.0)
14
12
-
internal regulator option: supply voltage input (4.0 to 5.5 V); can be
connected directly to USB line VBUS
regulator bypass option: connect to Vreg(3.3)
Vpu(3.3)
15
13
-
pull-up supply voltage (3.3 V
±10%); connect an external 1.5 kΩ resistor
on D+ (full-speed).
Pin function is controlled by input SOFTCON:
SOFTCON = LOW — Vpu(3.3) floating (high impedance); ensures zero
pull-up current
SOFTCON = HIGH — Vpu(3.3) = 3.3 V; internally connected to Vreg(3.3)
SOFTCON
16
14
I
software controlled USB connection input; a HIGH level applies 3.3 V to
pin Vpu(3.3), which is connected to an external 1.5 kΩ pull-up resistor; this
allows USB connect or disconnect signalling to be controlled by software
input pad; push pull; CMOS
GND
exposed
die pad
exposed
die pad
-
ground supply; down bonded to the exposed die pad (heatsink); to be
connected to the PCB ground
Table 2:
Pin description…continued
Symbol[1]
Pin
Type
Description
HBCC16
HVQFN14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com