Electronic Components Datasheet Search
  English  ▼

X  

ISP1102 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # ISP1102
Description  Advanced Universal Serial Bus transceiver
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1102 Datasheet(HTML) 3 Page - NXP Semiconductors

  ISP1102 Datasheet HTML 1Page - NXP Semiconductors ISP1102 Datasheet HTML 2Page - NXP Semiconductors ISP1102 Datasheet HTML 3Page - NXP Semiconductors ISP1102 Datasheet HTML 4Page - NXP Semiconductors ISP1102 Datasheet HTML 5Page - NXP Semiconductors ISP1102 Datasheet HTML 6Page - NXP Semiconductors ISP1102 Datasheet HTML 7Page - NXP Semiconductors ISP1102 Datasheet HTML 8Page - NXP Semiconductors ISP1102 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Philips Semiconductors
ISP1102
Advanced USB transceiver
Product data
Rev. 03 — 02 September 2003
3 of 23
9397 750 11228
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 2.
Pin configuration HBCC16.
Fig 3.
Pin configuration HVQFN14.
004aaa209
Bottom view
ISP1102W
RCV
VP/VPO
OE
D
+
D
−
n.c.
VM/VMO
Vreg(3.3)
n.c.
13
14
15
16
8
7
6
12
11
10
9
2
1
3
4
5
GND
(exposed diepad)
004aaa208
Bottom view
ISP1102BS
RCV
VP/VPO
OE
D
+
D
−
7
GND
(exposed diepad)
n.c.
45
6
3
2
1
8
9
10
11
12
13
14
Table 2:
Pin description
Symbol[1]
Pin
Type
Description
HBCC16
HVQFN14
OE
1
1
I
input for output enable (CMOS level with respect to VCC(I/O), active LOW);
enables the transceiver to transmit data on the USB bus
input pad; push pull; CMOS
RCV
2
2
O
differential data receiver output (CMOS level with respect to VCC(I/O));
driven LOW when input SUSPND is HIGH; the output state of RCV is
preserved and stable during an SE0 condition
output pad; push pull; 4 mA output drive; CMOS
VP/VPO
3
3
I/O
single-ended D+ receiver output VP (CMOS level with respect to VCC(I/O));
for external detection of SE0, error conditions, speed of connected device;
this pin also acts as the drive data input VPO; see Table 3 and Table 4
bidirectional pad; push-pull input; three-state output; 4 mA output drive;
CMOS
VM/VMO
4
4
I/O
single-ended D
− receiver output VM (CMOS level with respect to VCC(I/O));
for external detection of SE0, error conditions, speed of connected device;
this pin also acts as the drive data input VMO; see Table 3 and Table 4
bidirectional pad; push-pull input; three-state output; 4 mA output drive;
CMOS
SUSPND
5
5
I
suspend input (CMOS level with respect to VCC(I/O)); a HIGH level enables
low-power state while the USB bus is inactive and drives output RCV to a
LOW level
input pad; push pull; CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com