Electronic Components Datasheet Search
  English  ▼

X  

20437 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 20437
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

20437 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 20437 Datasheet HTML 5Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 6Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 7Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 8Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 9Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 10Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 11Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 12Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
9
Proprietary Information
SmartDAA Line Side Device (LSD)
The LSD includes a Line Side DIB Interface (LSDI),
a coder/decoder (codec), and a Telephone Line
Interface (TLI).
The LSDI communicates with, and receives power
and clock from, the SmartDAA interface in the MDP
through the DIB.
LSD power is received from the top of the DIB
DXFMR secondary winding through a half-wave
rectifying diode and capacitive power filter circuit.
The CLK input is also accepted from the top of the
DXFMR secondary winding through a capacitor and
a resistor in series.
Information is transferred between the LSD and the
MDP through the DIB_P and DIB_N pins. These pins
connect to the MDP DIB_DATAP and DIB_DATAN
pins, respectively, through the DIB.
The TLI integrates DAA and direct telephone line
interface functions and connects directly to the line
TIP and RING pins, as well as to external line
protection components.
Direct LSD connection to TIP and RING allows real-
time measurement of telephone line parameters,
such as the telephone central office (CO) battery
voltage and individual telephone line (copper wire)
resistance. Direct LSD connection also allows
dynamic regulation of the off-hook TIP and RING
voltage and total current drawn from the CO. This
allows the modem to maintain compliance with U.S.
and worldwide regulations and to actively control the
DAA power dissipation.
Voice Codec (VC)
The optional VC, packaged in a 32-pin TQFP,
supports voice/full-duplex speakerphone (FDSP)
operation with interfaces to a microphone and
speaker and to a telephone handset/headset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com