Electronic Components Datasheet Search
  English  ▼

X  

20437 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # 20437
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

20437 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button 20437 Datasheet HTML 9Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 10Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 11Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 12Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 13Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 14Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 15Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 16Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
13
Proprietary Information
MDP (P9373) Hardware Pins and Signals
General
The major functional application signals are
summarized below.
System Control and Status
The following discrete signals are used by the host to
control and monitor MDP operation:
• Wakeup Reset (WKRES#); input
• Interrupt Request for MDP Interface (IRQ); output
• Raw Ring (SSD_RING#); output
• Ring Wake Reset (SSD_RINGWAKE#); output
• SmartDAA Interrupt for SmartDAA Interface
(SSD_INT); output
Digital Speaker Interface
The following output is used for audible call progress
or carrier monitoring in Data/Fax mode only where
sound quality is not important.
• Digital Speaker Output (DSPKOUT); output
Host Parallel Bus Interface
The parallel address, data, and control signals are:
• Address Lines (A[6:0]); input
• Data Lines (D[7:0]), input/output
• Chip Select (CS#); input
• Read Enable (READ#); input
• Write Enable (WRITE#); output
Host Serial Data Interface
The serial data and clock signals are:
• Receive Data (RXD); output
• Receive Data Clock (RXCLK); output
• Transmit Data (TXD); input
• Transmit Data Clock (TXCLK); output
Host Serial Voice Interface (S models)
The serial data and clock signals are:
• Serial Data Out (SI_DD); output
• Serial Data In (SI_DU); input
• Serial Shift Clock (SI_CLK); input
• Sample Shift Clock (SI_FRAME); input
LSD Interface (Through DIB)
The DIB interface signals are:
• Clock and Power Positive (PWRCLKP); output
• Clock and Power Negative (PWRCLKN); output
• Data Positive (DIB_DATAP); input/output
• Data Negative (DIB_DATAN); input/output
VC Interface
The VC interface signals are:
• Sleep (IASLEEP); output
• Master Clock (M_CLK); output
• Voice Serial Clock (V_SCLK); output
• Voice Serial Control (V_CTRL); output
• Voice Serial Frame Sync (V_STROBE); input
• Voice Serial Transmit Data (V_TXSIN); output
• Voice Serial Receive Data (V_RXOUT); input
MDP Signal Interface and Pin Assignments
The MDP (P9373) 100-pin TQFP hardware interface
signals are shown in Figure 5.
The MDP (P9373) 100-pin TQFP pin signals are
shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com