Electronic Components Datasheet Search
  English  ▼

X  

20437 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # 20437
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

20437 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 20437 Datasheet HTML 16Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 17Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 18Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 19Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 20Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 21Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 22Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 23Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 24Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
SmartACFL
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
20
Conexant
Doc. No. 100444A
Proprietary Information
Electrical and Environmental Specifications
Table 2. Operating Conditions
Parameter
Symbol
Limits
Units
Supply Voltage
V
DD
MCU, MDP, VC: +3.0 to +3.6
VDC
Operating Temperature Range
T
A
-0 to +70
°C
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Limits
Units
Supply Voltage
V
DD
-0.5 to +4.6
VDC
Input Voltage
V
IN
-0.5 to (VIO +0.5)*
VDC
Storage Temperature Range
T
STG
-55 to +125
°C
Analog Inputs
V
IN
-0.3 to (VAA + 0.5)
VDC
Voltage Applied to Outputs in High Impedance (Off) State
V
HZ
-0.5 to (VIO +0.5)*
VDC
DC Input Clamp Current
I
IK
±20
mA
DC Output Clamp Current
I
OK
±20
mA
Static Discharge Voltage (25°C)
V
ESD
±2500
VDC
Latch-up Current (25°C)
I
TRIG
±400
mA
* VIO = +3.3V ± 0.3V or +5V ± 5%.
Table 4. Current and Power Requirements
Mode
Typ Current
(Ityp) (mA)
Max Current
(Imax) (mA)
Typ Power
(Ptyp) (mW)
Max Power
(Pmax) (mW)
Notes
MCU (L2702-xx)
Normal Mode
TBD
TBD
TBD
TBD
f = 28.224 MHz
Sleep Mode
TBD
TBD
TBD
TBD
f = 28.224 MHz
Stop Mode
TBD
TBD
TBD
TBD
f = 0 MHz
MDP (P9373)
Normal Mode
TBD
TBD
TBD
TBD
f = 28.224 MHz
Sleep Mode
TBD
TBD
TBD
TBD
f = 28.224 MHz
Stop Mode
TBD
TBD
TBD
TBD
f = 0 MHz
LSD (20463)
Normal Mode: Off-hook, normal data
connection
TBD
TBD
TBD
TBD
Normal Mode: On-hook, idle, waiting for ring
TBD
TBD
TBD
TBD
Low Power Mode
TBD
TBD
TBD
TBD
VC (20437)
Normal Mode
TBD
TBD
TBD
TBD
Sleep Mode
TBD
TBD
TBD
TBD
Stop Mode
TBD
TBD
TBD
TBD
1.
Operating voltage: VDD = +3.3V ± 0.3V.
2.
Test conditions: VDD = +3.3V for typical values; VDD = +3.6V for maximum values.
3.
Input Ripple
≤ 0.1 Vpeak-peak.
4.
f = Internal frequency.
5.
Stop Mode is the same as Sleep Mode with clocks turned off.
6.
Typical current (Ityp) estimated; Max current estimated from Ityp: Imax = Ityp * 1.1.
7.
Typical power (Ptyp) computed from Ityp: Ptyp = Ityp * 3.3V; Max power (Pmax) computed from Imax: Pmax = Imax * 3.6V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com