Electronic Components Datasheet Search
  English  ▼

X  

20437 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # 20437
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

20437 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button 20437 Datasheet HTML 10Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 11Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 12Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 13Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 14Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 15Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 16Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 17Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SmartACFL
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
14
Conexant
Doc. No. 100444A
Proprietary Information
CLKIN
XCLK
YCLK
D0 (PC0)
D1 (PC1)
D2 (PC2)
D3 (PC3)
D4 (PC4)
D5 (PC5)
D6 (PC6)
D7 (PC7)
A0 (PD0)
A1 (PD1)
A2 (PD2)
A3 (PD3)
A4 (PD4)
A5
A6
CS# (PD5)
WRITE# (PD6)
READ# (PD7)
IRQ (PB5)
RESET#
WKRES#
SSD_RING#
SSD_RINGWAKE#
SSD_INT
TXD (PA2)
TXCLK (PA3)
RXD (PA6)
RXCLK (PA7)
GP00
SI_FRAME (SA4CLK)
SI_CLK (SR4CLK)
SI_DU (SR8IN)
SI_DD (SR8OUT)
LPO_RC
DDC
48
14
15
67
66
65
64
62
61
60
59
53
52
51
50
49
25
40
55
56
57
35
96
27
95
9
70
36
42
38
44
33
24
23
20
34
84
94
MCU
PARALLEL BUS INTERFACE
DSPKOUT
PWRCLKP
PWRCLKP
DIB_DATAP
DIB_DATAN
IASLEEP
M_CLK (PB0)
V_SCLK (SR2CLK)
V_STROBE (SA2CLK)
V_TXSIN (SR3OUT)
V_RXOUT (SR3IN)
V_CTRL (SR2IO)
PLLVDD
PLLVSS
TESTP
XYCNT
M_CTRL (SR1IO)
M_RXOUT (SR4IN)
M_TXSIN (SR4OUT)
V_CLKIN (IA2CLK)
M_CLKIN (IA1CLK)
M_STROBE (SA1CLK)
PB1
PF6
PF7
GP01
RESERVED
RESERVED
RESERVED
RESERVED
NC
NC
NC
NC
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VGG
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
87
92
93
90
89
97
5
3
1
4
2
6
98
99
18
19
100
12
81
29
86
82
78
28
43
30
16
76
77
79
71
72
74
75
7
17
32
45
46
58
69
83
26
8
10
11
13
21
22
31
37
39
41
47
54
63
68
73
80
85
88
91
100444A, fig5, mdp_his_p93_100t
MODEM DATA
PUMP
(MDP)
P9373
100-PIN TQFP
VOICE CODEC
(VC)
20437
32-PIN TQFP
(OPTIONAL)
+3.3V
+3.3V
DIGITAL SPEAKER OUTPUT
DIGITAL
ISOLATION
BARRIER
(DIB)
NC
+5V/+3.3V
MCU
SERIAL VOICE
INTERFACE
MCU
SERIAL DATA AND CLOCK
INTERFACE
MCU
1uF
MCU:CLKOUT
NC
SLEEP
M_CLKIN
M_SCK
M_STROBE
M_TXSIN
M_RXOUT
M_CNTRLSIN
RCDSVD: XTLI (OPTIONAL)
NC
10K
+3.3V
53.6K
VCC
Figure 5. MDP (P9373) 100-Pin TQFP Hardware Interface Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com