Electronic Components Datasheet Search
  English  ▼

X  

20437 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # 20437
Description  SmartACFL Modem
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

20437 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button 20437 Datasheet HTML 11Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 12Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 13Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 14Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 15Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 16Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 17Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 18Page - List of Unclassifed Manufacturers 20437 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
V.90/K56flex Modem Device Sets with SmartDAA Technology for Low Power Applications
SmartACFL
Doc. No. 100444A
Conexant
15
Proprietary Information
MD248F4 PO-HSD-100TQFP
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
V_STROBE (SA2CLK)
V_RXOUT (SR3IN)
V_SCLK (SR2CLK)
V_TXSIN (SR3OUT)
M_CLK (PB0)
V_CTRL (SR2IO)
VDD
GND
SSD_RINGWAKE#
GND
GND
M_RXOUT (SR4IN)
GND
XCLK
YCLK
RESERVED
VDD
TESTP
XYCNT
SI_DU (SR8IN)
GND
GND
SI_CLK (SR4CLK)
SI_FRAME (SA4CLK)
A5
NC
NC
GND
NC
NC
SSD_INT
VDD
GND
D0 (PC0)
D1 (PC1)
D2 (PC2)
D3 (PC3)
GND
D4 (PC4)
D5 (PC5)
D6 (PC6)
D7 (PC7)
VDD
READ# (PD7)
WRITE# (PD6)
CS# (PD5)
GND
A0 (PD0)
A1 (PD1)
A2 (PD2)
P9373
Figure 6. MDP (P9373) 100-Pin TQFP Pin Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com