Electronic Components Datasheet Search
  English  ▼

X  

TST2 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # TST2
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

TST2 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button TST2 Datasheet HTML 5Page - Asahi Kasei Microsystems TST2 Datasheet HTML 6Page - Asahi Kasei Microsystems TST2 Datasheet HTML 7Page - Asahi Kasei Microsystems TST2 Datasheet HTML 8Page - Asahi Kasei Microsystems TST2 Datasheet HTML 9Page - Asahi Kasei Microsystems TST2 Datasheet HTML 10Page - Asahi Kasei Microsystems TST2 Datasheet HTML 11Page - Asahi Kasei Microsystems TST2 Datasheet HTML 12Page - Asahi Kasei Microsystems TST2 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 9 -
„ SWITCHING CHARACTERISTICS
(Ta=25
°C; VA,VD,VB=5.0V±5%; CL=20pF)
Parameter
Symbol
min
typ
max
Unit
Control Clock Frequency
Master Clock
256fs: (fs =
∼98kHz)
Pulse width Low
Pulse width High
384fs: (fs =
∼54kHz)
Pulse width Low
Pulse width High
Serial Data Output Clock
Channel Select Clock(Sampling Frequency)
Duty Cycle
fCLK
tCLKL
tCLKH
fCLK
tCLKL
tCLKH
fSLK
fs
4.096
15.9
15.9
6.144
20.83
20.83
16
25
12.288
18.432
3.072
48
25.088
20.736
6.144
98
75
MHz
ns
ns
MHz
ns
ns
MHz
kHz
%
Serial Interface Timing
(Note 18 )
Slave Mode(SMODE1="L")
SCLK Period
SCLK Pulse width Low
Pulse width High
SCLK Rising to LRCK Edge
(Note 19 )
LRCK Edge to SCLK Rising
(Note 19 )
LRCK Edge to SDATA MSB Valid
SCLK Falling to SDATA Valid
SCLK Rising to FSYNC Edge (Note 19 )
FSYNC Edge to SCLK Rising (Note 19 )
Master Mode(SMODE1="H")
SCLK Frequency
Duty Cycle
FSYNC Frequency
Duty Cycle
SCLK Falling to LRCK Edge
LRCK Edge to FSYNC Rising
SCLK Falling to SDATA Valid
SCLK Falling to FSYNC Edge
tSLK
tSLKL
tSLKH
tSLR
tLRS
tDLR
tDSS
tSF
tFS
fSLK
fFSYNC
tSLR
tLRF
tDSS
tSF
159.4
65
65
30
30
30
30
-20
-20
64fs
50
2fs
50
1
50
50
20
50
20
ns
ns
ns
ns
ns
ns
ns
ns
ns
Hz
%
Hz
%
ns
tslk
ns
ns
Power down timing
PD Pulse width
PD Rising to SDATA Valid
(Note 20 )
tPDW
tPDV
150
516
ns
1/fs
Note 18 : Refer to Serial Data Interface.
Note 19 : Specified LRCK and FSYNC edges not to coincide with the rising edges of SCLK.
Note 20 : The number of LRCK rising edges after PD brought high. The value is in master mode.
In slave mode it becomes one LRCK clock(1/fs) longer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com