Electronic Components Datasheet Search
  English  ▼

X  

TST2 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # TST2
Description  96kHz Sampling DS 20bit ADC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

TST2 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button TST2 Datasheet HTML 7Page - Asahi Kasei Microsystems TST2 Datasheet HTML 8Page - Asahi Kasei Microsystems TST2 Datasheet HTML 9Page - Asahi Kasei Microsystems TST2 Datasheet HTML 10Page - Asahi Kasei Microsystems TST2 Datasheet HTML 11Page - Asahi Kasei Microsystems TST2 Datasheet HTML 12Page - Asahi Kasei Microsystems TST2 Datasheet HTML 13Page - Asahi Kasei Microsystems TST2 Datasheet HTML 14Page - Asahi Kasei Microsystems TST2 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
ASAHI KASEI
[AK5352]
0155-E-00
1997/1
- 11 -
OPERATION OVERVIEW
„ System clock
In slave mode, MCLK(256fs/384fs), LRCK(fs) and SCLK(64fs) are required for AK5352. Use a signal divided
from the MCLK for LRCK. In master mode, only MCLK is needed. A LRCK clock rate meets standard audio
rates (32kHz, 44.1kHz, 48kHz, 96kHz). MCLK=384fs does not correspond to 96kHz sampling. In slave mode,
the MCLK should be synchronized with LRCK but the phase is free of care.
The AK5352 includes the phase detect circuit for LRCK clock, the AK5352 is reset automatically when the
synchronization is out of phase by changing the clock frequencies. (Please refer to the "Asynchronization -
reset.") When changing sampling frequency(fs) after power-up, AK5352 should be reset.
During the operation (
PD="H") following external clocks should never be stopped : CLK in master mode and
MCLK, SCLK and LRCK in slave mode. When the clocks stop there is a possibility that the device comes into
a malfunction because of over currents in the dynamic logic. If the external clocks are not present, the AK5352
should be in the power-down mode. (
PD="L")
Master Clock (MCLK)
fs
256fs
384fs
SCLK(64fs)
32.0kHz
8.1920MHz
12.2880MHz
2.0480MHz
44.1kHz
11.2896MHz
16.9344MHz
2.8224MHz
48.0kHz
12.2880MHz
18.4320MHz
3.0720MHz
96.0kHz
24.5760MHz
N/A
6.1440MHz
Table 1 . System Clock
„ Clock Circuit
CMODE
MCLK
L
256fs
H
384fs
AK5352 has an internal divider as shown in the above figure. The device can interface either or an external
MCLK(256fs or 384fs) by controlling CMODE pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com