Electronic Components Datasheet Search
  English  ▼

X  

MAX4752 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4752
Description  0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4752 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4752 Datasheet HTML 4Page - Maxim Integrated Products MAX4752 Datasheet HTML 5Page - Maxim Integrated Products MAX4752 Datasheet HTML 6Page - Maxim Integrated Products MAX4752 Datasheet HTML 7Page - Maxim Integrated Products MAX4752 Datasheet HTML 8Page - Maxim Integrated Products MAX4752 Datasheet HTML 9Page - Maxim Integrated Products MAX4752 Datasheet HTML 10Page - Maxim Integrated Products MAX4752 Datasheet HTML 11Page - Maxim Integrated Products MAX4752 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
0.9
Ω, Low-Voltage, Single-Supply Quad SPST
Analog Switches
8
_______________________________________________________________________________________
Test Circuits/Timing Diagrams (continued)
∆VOUT
V+
0
VIN
VOUT
MAX4751
MAX4752
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
∆VOUT x CL
V+
VOUT
GND
V+
IN_
NO_
OR
NC_
COM_
MAX4751
MAX4752
MAX4753
CL
1000pF
VIN
RGEN
VGEN
MEASUREMENTS ARE STANDARDIZED AGAINST
SHORT AT SOCKET TERMINALS. OFF-ISOLATION IS
MEASURED BETWEEN COM AND “OFF” TERMINAL
ON EACH SWITCH. ON-LOSS IS MEASURED BETWEEN
COM AND “ON” TERMINAL ON EACH SWITCH. SIGNAL
DIRECTION THROUGH SWITCH IS REVERSED; WORST
VALUES ARE RECORDED.
V+
V+
VOUT
GND
V+
IN_
NO_
OR
NC_
COM_
VIN
MAX4751
MAX4752
MAX4753
OFF-ISOLATION = 20log
VOUT
VIN
ON-LOSS = 20log
VOUT
VIN
NETWORK
ANALYZER
50
Ω
50
Ω
50
Ω
50
Ω
MEAS
REF
0.1
µF
*
*ADD 50
Ω TERMINATION FOR
OFF-ISOLATION
V+
GND
V+
IN_
NO_
OR
NC_
COM_
MAX4751
MAX4752
MAX4753
1MHz
CAPACITANCE
ANALYZER
AS
REQUIRED
Figure 2. Charge Injection
Figure 3. NO_, NC_, and COM_ Capacitance
Figure 4. Off-Isolation, On-Loss, and Crosstalk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com