Electronic Components Datasheet Search
  English  ▼

X  

MAX4752 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4752
Description  0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4752 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4752 Datasheet HTML 2Page - Maxim Integrated Products MAX4752 Datasheet HTML 3Page - Maxim Integrated Products MAX4752 Datasheet HTML 4Page - Maxim Integrated Products MAX4752 Datasheet HTML 5Page - Maxim Integrated Products MAX4752 Datasheet HTML 6Page - Maxim Integrated Products MAX4752 Datasheet HTML 7Page - Maxim Integrated Products MAX4752 Datasheet HTML 8Page - Maxim Integrated Products MAX4752 Datasheet HTML 9Page - Maxim Integrated Products MAX4752 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
0.9
Ω, Low-Voltage, Single-Supply Quad SPST
Analog Switches
6
_______________________________________________________________________________________
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
10
100
0.022
0.024
0.026
0.028
0.030
0.032
0.034
0.020
1
100k
V+ = 3.0V
SUPPLY CURRENT vs.
SUPPLY VOLTAGE AND TEMPERATURE
V+ (V)
3.2
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0.01
0.1
1
10
100
1000
0.001
03.6
TA = +85
°C
TA = +25
°C
TA = -40
°C
Typical Operating Characteristics (continued)
(V+ = +3V and TA = +25°C, unless otherwise noted.)
Pin Description
PIN
MAX4751
MAX4752
MAX4753
TSSOP
QFN
TSSOP
QFN
TSSOP
QFN
NAME
FUNCTION
1, 3,
8, 11
15, 1,
7, 11
——
——
NO1, NO2,
NO3, NO4
Switch Normally Open Terminals
——
1, 3,
8, 11
15, 1,
7, 11
——
NC1, NC2,
NC3, NC4
Switch Normally Closed Terminals
—
———
3, 11
1, 11
NC2, NC4
Switch Normally Closed Terminals
—
———
1, 8
15, 7
NO1, NO3
Switch Normally Open Terminals
2, 4,
9, 10
16, 2,
8, 9
2, 4,
9, 10
16, 2,
8, 9
2, 4,
9, 10
16, 2,
8, 9
COM1, COM2,
COM3, COM4
Switch Common Terminals
7
6
7
6
7
6
GND
Ground
13, 5,
6, 12
13, 4,
5, 12
13, 5,
6, 12
13, 4,
5, 12
13, 5,
6, 12
13, 4,
5, 12
IN1, IN2,
IN3, IN4
Logic Control Inputs
14
14
14
14
14
14
V+
Positive Supply Voltage
—
3, 10
—
3, 10
—
3, 10
N.C.
No Connection. Not internally connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com