Electronic Components Datasheet Search
  English  ▼

X  

MAX4752 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4752
Description  0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4752 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4752 Datasheet HTML 3Page - Maxim Integrated Products MAX4752 Datasheet HTML 4Page - Maxim Integrated Products MAX4752 Datasheet HTML 5Page - Maxim Integrated Products MAX4752 Datasheet HTML 6Page - Maxim Integrated Products MAX4752 Datasheet HTML 7Page - Maxim Integrated Products MAX4752 Datasheet HTML 8Page - Maxim Integrated Products MAX4752 Datasheet HTML 9Page - Maxim Integrated Products MAX4752 Datasheet HTML 10Page - Maxim Integrated Products MAX4752 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
0.9
Ω, Low-Voltage, Single-Supply Quad SPST
Analog Switches
_______________________________________________________________________________________
7
Test Circuits/Timing Diagrams
V+
VCOM_
GND
V+
IN_
NO_
COM_
VNO_
50
Ω
MAX4751
35pF
V+
VCOM_
GND
V+
IN_
NO_
COM_
VNO_
50
Ω
MAX4753
35pF
NC_
VNC_
VIH + 0.5V
0
0
IN_
50%
50%
90%
90%
VNO_
VCOM_
tOFF
tON
VIH + 0.5V
0
0
IN_
VCOM_
VNO_ or VNC_
90%
90%
tBBM
tBBM
tBBM = tON(NO_) - tOFF(NC_)
OR
tBBM = tON(NC_) - tOFF(NO_)
tR < 5ns
tF < 5ns
Figure1. Switching Times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com